| Zakładka z wyszukiwarką danych komponentów |
|
CS5505-AS Arkusz danych(PDF) 7 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5505-AS Arkusz danych(HTML) 7 Page - Cirrus Logic |
|
7 / 40 page ![]() 3.3V SWITCHING CHARACTERISTICS (TA = TMIN to TMAX VA+ = 5V ± 10%; VD+ = 3.3V ± 5%; VA- = -5V ± 10%; Input Levels: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF.) (Note 2) Parameter Symbol Min Typ Max Units Master Clock Frequency: Internal Oscillator: -A,B -S External Clock: XIN or fclk 30.0 30.0 30 32.768 32.768 - 53.0 34.0 163 kHz kHz kHz Master Clock Duty Cycle 40 - 60 % Rise Times: Any Digital Input (Note 10) Any Digital Output trise - - - 50 1.0 - µs ns Fall Times: Any Digital Input (Note 10) Any Digital Output tfall - - - 20 1.0 - µs ns Start-Up Power-On Reset Period (Note 11) tres -10 - ms Oscillator Start-up Time XTAL=32.768 kHz (Note 12) tosu - 500 - ms Wake-up Period (Note 13) twup - 1800/fclk -s Calibration CONV Pulse Width (CAL = 1) (Note 14) tccw 100 - - ns CONV and CAL High to Start of Calibration tscl -- 2/fclk+200 ns Start of Calibration to End of Calibration tcal - 3246/fclk -s Conversion Set Up Time A0, A1 to CONV High tsac 50 - - ns Hold Time A0, A1 after CONV High thca 100 - - ns CONV Pulse Width tcpw 100 - - ns CONV High to Start of Conversion tscn -- 2/fclk+200 ns Set Up Time BP/UP stable prior to DRDY falling tbus 82/fclk -- s Hold Time BP/UP stable after DRDY falls tbuh 0- - ns Start of Conversion to End of Conversion (Note 15) tcon - 1624/fclk -s CS5505/6/7/8 DS59F4 7 CS5505/6/7/8 DS59F5 7 |