| Zakładka z wyszukiwarką danych komponentów |
|
LD29150P33 Arkusz danych(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD29150P33 Arkusz danych(HTML) 7 Page - STMicroelectronics |
|
7 / 17 page ![]() LD29150 SERIES 7/17 Table 10: Electrical Characteristics Of LD29150#ADJ (IO = 10mA, TJ = 25°C, VI = 3.23 V, VINH = 2V (Note 3), CI = 330nF, CO = 10µF adjust pin tied to output pin) NOTE 1: Guaranteed by design. NOTE 2: reference Voltage is measured between output and GND pin, with ADJ PIN tied to VOUT. NOTE 3: Only for version with Inhibit function. TYPICAL CHARACTERISTICS Figure 5: Output Voltage vs Temperature Figure 6: Reference Voltage vs Temperature Symbol Parameter Test Conditions Min. Typ. Max. Unit VI Minimum Operating Input Voltage IO = 10mA to 1.5A TJ = -40 to 125°C 2.5 V ∆V O Load Regulation IO = 10mA to 1.5A 0.2 1.0 % ∆V O Line Regulation VI = 2.5 V to 13V IO = 10mA 0.06 0.5 % VREF Reference Voltage IO = 10mA to 1.5A, VI = 2.5 to 4.5V TJ = -40 to 125°C (Note 2) -1% 1.23 +1% V -2% +2% SVR Supply Voltage Rejection f = 120 Hz, VI = 3.23 ± 1V, IO = 0.75A (Note 1) 45 75 dB Iq Quiescent Current IO = 0.75A, TJ = -40 to 125°C 15 40 mA IO = 1.5A, TJ = -40 to 125°C 30 80 VI = 13V, VINH = GND TJ = -40 to 125°C 130 180 µA IADJ Adjust Pin Current TJ = -40 to 125°C (Note 1) 1 µA Isc Short Circuit Current VI - VO = 5.5V 2.2 A VIL Control Input Logic Low OFF MODE, (NOTE 3) TJ = -40 to 125°C 0.8 V VIH Control Input Logic High ON MODE, (NOTE 3) TJ = -40 to 125°C 2 V IINH Control Input Current TJ = -40 to 125°C VINH = 13V 5 10 µA eN Output Noise Voltage BP = 10Hz to 100KHz IO = 100mA 50 µVRMS |