| Zakładka z wyszukiwarką danych komponentów |
|
ES1022SI Arkusz danych(PDF) 2 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
ES1022SI Arkusz danych(HTML) 2 Page - Altera Corporation |
|
2 / 14 page ![]() Page 2 Enpirion Power Datasheet ES1022SI Adjustable Quad Sequencer May 2014 Altera Corporation Ordering Information PART NUMBER (Note 1) PART MARKING TEMP. RANGE (°C) PACKAGE (Pb-free) PKG. DWG. # ES1022SI* ES1022SI -40 to +85 14 Ld SOIC M14.15 EVB-ES1022SI Evaluation Platform *Add “-T” suffix for tape and reel. Please refer to Packing and Marking Information: www.altera.com/support/reliability/packing/rel- packing-and-marking.html NOTES: 1. Altera Enpirion Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Altera Enpirion Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 10037 May 28, 2014 Rev A |