| Zakładka z wyszukiwarką danych komponentów |
|
MPC8271CVRP Arkusz danych(PDF) 6 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8271CVRP Arkusz danych(HTML) 6 Page - Motorola, Inc |
|
6 / 56 page ![]() 6 MPC8272 PowerQUICC II™ Family Hardware Specifications MOTOROLA PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE Overview Overview • Compatible with T1/DS1 24-channel and CEPT E1 32-channel PCM highway, ISDN basic rate, ISDN primary rate, and user defined. • Subchanneling on each time slot. • Independent transmit and receive routing, frame synchronization and clocking • Concatenation of any not necessarily consecutive time slots to channels independently for Rx/Tx • Supports H1,H11, and H12 channels • Allows dynamic allocation of channels – SCC3 in NMSI mode is not usable when USB is enabled. — Two serial management controllers (SMCs), identical to those of the MPC860 – Provides management for BRI devices as general-circuit interface (GCI) controllers in time-division-multiplexed (TDM) channels – Transparent – UART (low-speed operation) — One serial peripheral interface identical to the MPC860 SPI — One I2C controller (identical to the MPC860 I2C controller) – Microwire compatible – Multiple-master, single-master, and slave modes — Up to two TDM interfaces – Supports one group of two TDM channels – 1024 bytes of SI RAM — Eight independent baud rate generators and 14 input clock pins for supplying clocks to FCC, SCC, SMC, and USB serial channels — Four independent 16-bit timers that can be interconnected as two 32-bit timers • PCI bridge — PCI Specification revision 2.2-compliant and supports frequencies up to 66 MHz — On-chip arbitration — Support for PCI to 60x memory and 60x memory to PCI streaming — PCI host bridge or peripheral capabilities — Includes four DMA channels for the following transfers: – PCI-to-60x to 60x-to-PCI – 60x-to-PCI to PCI-to-60x – PCI-to-60x to PCI-to-60x – 60x-to-PCI to 60x-to-PCI — Includes the configuration registers required by the PCI standard (which are automatically loaded from the EPROM to configure the MPC8272) and message and doorbell registers — Supports the I2O standard — Hot-Swap friendly (supports the Hot Swap Specification as defined by PICMG 2.1 R1.0 August 3, 1998) — Support for 66-MHz, 3.3-V specification — 60x-PCI bus core logic, which uses a buffer pool to allocate buffers for each port Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |