| Zakładka z wyszukiwarką danych komponentów |
|
FPD85310VJD Arkusz danych(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
FPD85310VJD Arkusz danych(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 29 page ![]() Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Supply Voltage (V DD) 4.1V DC Input Voltage (V IN) −0.5V to V DD +0.5V DC Output Voltage (V OUT) −0.5V to V DD +0.5V Storage Temperature Range (T STG) −65˚C to +150˚C Lead Temperature (T L) (Soldering 10 sec.) 260˚C ESD Rating: (C ZAP = 120 pF, RZAP = 1500Ω) MM = 200V, HBM = 2000V Operating Conditions Min Max Units Supply Voltage (V DD) 3.0 3.6 V Operating Temp. Range (T A) 0 70 ˚C Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices should be operated at these limits. The table of “Electrical Char- acteristics” specifies conditions of device operation. DC Electrical Characteristics T A = 0˚C to 70˚C, VDD = 3.3V ± 0.3V (unless otherwise specified) Symbol Parameter Conditions Min Max Units V OH Minimum High Level Output Voltage V DD = 3.0V, IOH = 1 mA 2.4 V V OL Maximum Low Level Output Voltage V DD = 3.0V, IOL = 1 mA 0.4 V V IH Minimum High Level Input Voltage 2.0 V V IL Maximum Low Level Input Voltage 0.8 V I IN Input Current V IN =VDD 10 µA I OZ Maximum TRI-STATE Output Leakage Current V IN =VDD,VIN =VSS 10 µA I DD Average Supply Current f = 65 MHz, C LOAD = 50 pF 312 mA V THH Differential Input High Threshold Common Mode Voltage = +1.2V +100 mV V THL Differential Input Low Threshold Common Mode Voltage = +1.2V -100 mV Device Specifications T A = 0˚C to 70˚C, VDD = 3.3V (unless otherwise specified) Symbol Parameter Conditions Min Max Units RPLLS Receiver Phase Lock Loop Set Time 10 ms RCCS RxIN Channel-to-Channel Skew (Note 2) 700 ps Note 2: This limit assumes a maximum cable skew of 350 ps. Actual automated test equipment limit is 400 ps due to tester accuracy. DS101086-12 FIGURE 1. FPD85310 (Receiver) Phase Lock Loop Set Time www.national.com 2 |