| Zakładka z wyszukiwarką danych komponentów |
|
ST16C580CP40 Arkusz danych(PDF) 26 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
ST16C580CP40 Arkusz danych(HTML) 26 Page - Exar Corporation |
|
26 / 41 page ![]() ST16C580 26 Rev. 1.20 hardware flow control. -RTS functions normally when hardware flow control is disabled. 0 = Automatic RTS flow control is disabled. (normal default condition) 1 = Enable Automatic RTS flow control. EFR bit-7: Automatic CTS Flow Control. Logic 0 = Automatic CTS flow control is disabled. (normal default condition) Logic 1 = Enable Automatic CTS flow control. Trans- mission will stop when -CTS goes to a logical 1. Transmission will resume when the -CTS pin returns to a logical 0. ST16C580 EXTERNAL RESET CONDITIONS REGISTERS RESET STATE IER IER BITS 0-7 = logic 0 ISR ISR BIT-0=1, ISR BITS 1-7 = logic 0 LCR, MCR BITS 0-7 = logic 0 LSR LSR BITS 0-4 = logic 0, LSR BITS 5-6 = logic 1 LSR, BIT 7 = logic 0 MSR MSR BITS 0-3 = logic 0, MSR BITS 4-7 = logic levels of the input signals FCR, EFR BITS 0-7 = logic 0 SIGNALS RESET STATE TX Logic 1 -OP1 Logic 1 -OP2 Logic 1 -RTS Logic 1 -DTR Logic 1 -RXRDY Logic 1 -TXRDY Logic 0 INT Logic 0 |