| Zakładka z wyszukiwarką danych komponentów |
|
STV2310 Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV2310 Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 3 page ![]() DATABRIEF STV2310 ® July 2003 Revision 1.0 1/3 MAIN FEATURES ■ Worldwide TV Standards Compatible ■ Automatic NTSC/PAL/SECAM Digital Chroma Decoder ■ NTSC/PAL Adaptive 4H/2D Comb Filter ■ VBI Data Slicer for Teletext, Closed Caption, WSS and other systems ■ Analog RGB/Fast Blanking Capture and Insertion in YCrCb Output Flow (SCART legacy) ■ Analog YCrCb inputs with Tint Control ■ 10-bit, 30-MSPS A/D Converter for Y/CVBS input ■ 8-bit, 30-MSPS A/D Converter for C and RGB/ CrCb inputs ■ Hue control and automatic flesh control for NTSC CVBS/YC signals ■ Programmable Horizontal Scaling (x0.25 to x4 Scaling Factor) and Panorama Vision ■ Copy-Protection System compatible ■ H and V Synchronisation Processing that is robust to non-standard sources such as VCR, and to weak and noisy signals ■ 8-bit Pixel Output Interface Line-Locked ITU- R BT_656/601 or square pixel YCrCb outputs ■ Single System Clock for all Video Input Formats ■ Two-wire I²C Bus Interface up to 400 kHz ■ Typical Power Consumption: 550 mW ■ Power Supply: 1.8 V and 3.3 V The STV2310 is a high-quality front-end video circuit for processing all analog NTSC/PAL/SECAM standards into a 4:2:2 YCrCb digital video format ,as well as conventional analog RGB or YCrCb signals. The STV2310 is programmable through an I²C interface. The STV2310 provides a cost-effective solution for digitized TV, LCD TV/monitors, digital TV, STB, video surveillance/security, video conferencing, video capturing devices and PC video card. It can be used as a stand-alone chip working with third-party products, as a companion chip to the TV processor STV3500, STV3600 for digitized 100-Hz/ ProScan CRT TVs, or as a companion chip to the TV processor STV3550 for LCD-TVs. TQFP64 10x10x1.4 mm (Thin Quad Flat Package) ORDER CODE: STV2310SD/SDT TQFP64 14x14x1.4 mm (Thin Quad Flat Package) ORDER CODE: STV2310D/DT STV2310 Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input |
Podobny numer części - STV2310 |
|
Podobny opis - STV2310 |