| Zakładka z wyszukiwarką danych komponentów |
|
STV6888 Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV6888 Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 46 page ![]() Version 4.1 August 2003 1/47 STV6888 LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR FEATURES General s ADVANCED I2C BUS CONTROLLED DEFLECTION PROCESSOR DEDICATED FOR HIGH-END CRT MONITORS s SINGLE SUPPLY VOLTAGE 12V s VERY LOW JITTER s DC/DC CONVERTER CONTROLLER s ADVANCED EW DRIVE s ADVANCED ASYMMETRY CORRECTIONS s AUTOMATIC MULTISTANDARD SYNCHRONIZATION s VERTICAL DYNAMIC CORRECTION WAVEFORM OUTPUT s X-RAY PROTECTION AND SOFT-START & STOP ON HORIZONTAL AND DC/DC DRIVE OUTPUTS s I2C BUS STATUS REGISTER Horizontal section s 100 kHz maximum frequency s Corrections of geometric asymmetry: Pin cushion asymmetry, Parallelogram s Tracking of asymmetry corrections with vertical size and position s Fully integrated internal horizontal moiré cancellation and moiré cancellation output Vertical section s 200 Hz maximum frequency s Vertical ramp for DC-coupled output stage with adjustments of: C-correction, S-correction for super-flat CRT, Vertical size, Vertical position s Vertical moiré cancellation through vertical ramp waveform s Compensation of vertical breathing with EHT variation EW section s Symmetrical geometry corrections: Pin cushion, Keystone, Top/Bottom corners separately s Horizontal size adjustment s Tracking of EW waveform with Vertical size and position and adaptation to frequency s Compensation of horizontal breathing through EW waveform Dynamic correction section s Output with vertical dynamic correction waveform for dynamic corrections like focus, brightness uniformity, ... s Fixed on screen by means of tracking system DC/DC controller section s Step-up and step-down conversion modes s External sawtooth configuration s Bus-controlled output voltage s Synchronization on hor. frequency with phase selection s Selectable polarity of drive signal DESCRIPTION The STV6888 is a monolithic integrated circuit as- sembled in a 32-pin shrink dual-in-line plastic package. This IC controls all the functions related to horizontal and vertical deflection in multimode or multi-frequency computer display monitors. The internal sync processor, combined with the powerful geometry correction block, makes the STV6888 suitable for very high performance mon- itors, using few external components. Combined with other ST components dedicated for CRT monitors (microcontroller, video preampli- fier, video amplifier, OSD controller) the STV6888 allows fully I2C bus-controlled computer display monitors to be built with a reduced number of ex- ternal components ORDERING INFORMATION . Ordering code package STV6888 Shrink 32 1 |
Podobny numer części - STV6888 |
|
Podobny opis - STV6888 |