| Zakładka z wyszukiwarką danych komponentów |
|
STV6889 Arkusz danych(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV6889 Arkusz danych(HTML) 16 Page - STMicroelectronics |
|
16 / 56 page ![]() STV6889 16/56 Notes about EW drive section Note 24: KEYST at medium (neutral) value. Note 25: TCC at medium (neutral) value. Note 26: BCC at medium (neutral) value. Note 27: PCC at minimum value. Note 28: VPOS at medium (neutral) value. Note 29: HSIZE I²C field at maximum value. Note 30: VEW-DC is defined as voltage at tVR=1/2 TVR. Note 31: Defined as difference of (voltage at tVR=0) minus (voltage at tVR=1/2 TVR). Note 32: Defined as difference of (voltage at tVR=TVR) minus (voltage at tVR=1/2 TVR). Note 33: VSIZE at maximum value. Note 34: Difference (voltage at tVR=0) minus (voltage at tVR=TVR). Note 35: Ratio "A/B"of parabola component voltage at tVR=0 versus parabola component voltage at tVR=TVR. See Figure 2. Note 36: VHEHT>VRefO, VVEHT>VRefO Note 37: VEW-AC is defined as overall peak-to-peak value between tVR=0 and tVR=TVR of all components other than VEW- DC (contribution of PCC, keystone correction, corner corrections and S- and W-corrections). Note 38: More precisely tracking with voltage on HPLL1F pin which itself depends on frequency at a rate given by external components on PLL1 pins Note 39: VEW-DC[span] = VEW-DC[VHO>VHOThrfr] - VEW-DC[HSIZE=0000000b]. VEW-AC[fmax] = VEW-AC[VHO>VHOThrfr]. Note 40: Defined as difference of (voltage at tVR=1/4 TVR) minus (voltage at tVR=3/4 TVR). Note 41: Defined as difference of (voltage at tVR=1/2 TVR) minus (voltage at tVR=1/4 TVR). Note 42: EWSC at medium (neutral) value. Note 43: EWWC at medium (neutral) value. Note 44: Informative, not tested on each unit. |