| Zakładka z wyszukiwarką danych komponentów |
|
STM810RWX6F Arkusz danych(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM810RWX6F Arkusz danych(HTML) 15 Page - STMicroelectronics |
|
15 / 18 page ![]() 15/18 STM809/810/811/812 PART NUMBERING Table 8. Ordering Information Scheme For a list of available options (e.g., Speed, Package) or for further information on any aspect of this device, please contact the ST Sales Office nearest to you. Example: STM8XX L WX 6 F Device Type STM8XX Reset Threshold Voltage L = VRST = 4.50V to 4.75V M = VRST = 4.25V to 4.50V T = VRST = 3.00V to 3.15V S = VRST = 2.85V to 3.00V R = VRST = 2.55V to 2.70V Package WX = SOT23-3 (STM809, STM810) W1 = SOT143-4 (STM811, STM812) Temperature Range 6 = –40 to 85°C Shipping Method F = Pb-Free Package (ECO PACK®), Tape & Reel |