| Zakładka z wyszukiwarką danych komponentów |
|
STM811SW16F Arkusz danych(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM811SW16F Arkusz danych(HTML) 7 Page - STMicroelectronics |
|
7 / 18 page ![]() 7/18 STM809/810/811/812 TYPICAL OPERATING CHARACTERISTICS Note: Typical values are at TA = 25°C, VCC = 5V for L/M versions, VCC = 3.3V for T/S versions, and VCC = 3.0V for R versions. Figure 8. Supply Current vs. Temperature, L/M/R/S/T (no load) Figure 9. Power-down Reset Delay vs. Temperature - VOD = VTH – VCC (L/M) AI07879 0.0 2.0 4.0 6.0 8.0 –40 –20 0 2040 6080 Temperature (˚C) 1V 3V 3.6V 5.5V AI07880 0.00 20.00 40.00 60.00 80.00 100.00 120.00 140.00 –40 –20 0 20 40 60 80 Temperature (˚C) VOD = 20mV VOD = 125mV VOD = 200mV |