Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM811RW16F Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części STM811RW16F
Szczegółowy opis  Reset Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM811RW16F Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button STM811RW16F Datasheet HTML 3Page - STMicroelectronics STM811RW16F Datasheet HTML 4Page - STMicroelectronics STM811RW16F Datasheet HTML 5Page - STMicroelectronics STM811RW16F Datasheet HTML 6Page - STMicroelectronics STM811RW16F Datasheet HTML 7Page - STMicroelectronics STM811RW16F Datasheet HTML 8Page - STMicroelectronics STM811RW16F Datasheet HTML 9Page - STMicroelectronics STM811RW16F Datasheet HTML 10Page - STMicroelectronics STM811RW16F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7/18
STM809/810/811/812
TYPICAL OPERATING CHARACTERISTICS
Note: Typical values are at TA = 25°C, VCC = 5V for L/M versions, VCC = 3.3V for T/S versions, and VCC =
3.0V for R versions.
Figure 8. Supply Current vs. Temperature, L/M/R/S/T (no load)
Figure 9. Power-down Reset Delay vs. Temperature - VOD = VTH – VCC (L/M)
AI07879
0.0
2.0
4.0
6.0
8.0
–40
–20
0
2040
6080
Temperature (˚C)
1V
3V
3.6V
5.5V
AI07880
0.00
20.00
40.00
60.00
80.00
100.00
120.00
140.00
–40
–20
0
20
40
60
80
Temperature (˚C)
VOD = 20mV
VOD = 125mV
VOD = 200mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18