| Zakładka z wyszukiwarką danych komponentów |
|
EMC2101-R-ACZL-TR Arkusz danych(PDF) 29 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
EMC2101-R-ACZL-TR Arkusz danych(HTML) 29 Page - SMSC Corporation |
|
29 / 57 page ![]() SMBus Fan Control with 1°C Accurate Temperature Monitoring Datasheet SMSC EMC2101 29 Revision 2.54 (06-16-09) DATASHEET 5.7 Fault Queue The EMC2101 supports a Fault Queue feature to reduce interrupts caused by spurious temperature readings. This feature, (see Section 6.5), will not trigger an interrupt until the device has measured three consecutive out-of-limit HIGH, LOW, or T_CRIT temperature readings. Figure 5.8 shows an example of this behavior. The Fault Queue only applies to the External Diode channels. Figure 5.8 Example Fault Queue Response TLIMIT Temp Readings n n+1 n+2 n+3 n+4 n+5 n+6 n+7 n+8 2 consecutive errors 3 consecutive errors Status Register - ETDS high |