Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PT-RQ13K Arkusz danych(PDF) 13 Page - Panasonic Semiconductor

Numer części PT-RQ13K
Szczegółowy opis  3-Chip DLP??Projector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RQ13K Arkusz danych(HTML) 13 Page - Panasonic Semiconductor

Back Button PT-RQ13K Datasheet HTML 9Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 10Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 11Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 12Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 13Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 14Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 15Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 16Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 17Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
List of compatible signals
The following table specifies the video signals compatible with the projector.
・The content of the compatible signal column is as follows.
- 1.Single link (displays one image using one input signal.)
- 2.Dual link (displays one image using two input signal.)
- 3.Quad link
 (displays one image using four input signal.)
480i712 483i
15.7
59.9
13.5
--
--
--
--
-
576i702x575i15.650.013.5
--
--
--
--
-
480i720(1440)x480i*4 15.7
59.9
27.0
--
-
--
--
576i720(1440)x576i15.650.027.0-
--
--
--
480p720x48031.559.927.0-
--
--
--
576p720x57631.350.027.0-
--
--
--
720/60p
1280x720
45.0
60.0
74.3
--
--
--
720/50p
1280x720
37.5
50.0
74.3
--
--
--
1080/60i
1920x1080i33.860.074.3
*5
-
--
--
1080/50i
1920x1080i28.150.074.3
*5
-
--
--
1080/24p
1920x1080i27.024.074.3
*5
-
--
--
1080/24sF
1920x1080i27.048.074.3
*5
-
--
--
1080/25p
1920x1080i28.125.074.3
*5
-
--
--
1080/25sF
1920x1080i28.150.074.3
*5
--
--
--
--
1080/30p
1920x1080i33.830.074.3
*5
-
--
--
1080/30sF
1920x1080i33.860.074.3
*5
--
--
--
--
1080/60p
1920x1080i67.560.0148.5
*5*6
-
--
--
1080/50p
1920x1080i56.350.0148.5
*5*6
-
--
--
2K/24p2048x1080
27.0
24.0
74.3
*5
-
--
--
2K/24sF
2048x108027.048.074.3
*5
--
--
--
--
2K/25p2048x1080
28.1
25.0
74.3
*5
-
--
--
2K/25sF
2048x108028.150.074.3
*5
--
--
--
--
2K/30p2048x1080
33.8
30.0
74.3
*5
-
--
--
2K/30sF
2048x108033.860.074.3
*5
--
--
--
--
2K/48p2048x1080
54.0
48.0
148.5
*7
*6*7
-
--
--
2K60p2048x1080
67.5
60.0
148.5
*6
-
--
--
2K50p2048x1080
56.3
50.0
148.5
*6
-
--
--
3840x2160/24p
3840x216054.024.0279.0
-
*6
*8*9
-
3840x2160/24sF3840x2160i54.048.0279.0
-
*6
*8*9
--
--
--
-
3840x2160/25p
3840x216056.325.0279.0
-
*6
*8*9
-
3840x2160/25sF
3840x2160i56.350.0279.0
-
*6
*8*9
--
--
--
-
3840x2160/30p
3840x216067.530.0279.0
-
*6
*8*9
-
3840x2160/30sF
3840x2160i67.560.0279.0
-
*6
*8*9
--
--
--
-
3840x2160135.0
60.0
279.0-
--
*10
*10
--
--
-
3840x2160135.0
60.0
594.0-
-
*9
-
--
3840x2160112.5
50.0
297.0-
--
*10
*10
--
--
-
3840x2160112.5
50.0
594.0-
-
*9
-
--
3840x2400/60p
3840x240074.060.0616.0
--
--
--
--
3840x2400/50p
3840x240061.849.9633.0
--
--
--
--
4096x2160/24p
4096x216054.024.0297.0
-
*6
*8*9
-
4096x2160/24sF
4096x2160i54.048.0297.0
-
*6*7
*7*8
*9
--
--
--
-
4096x2160/25p
4096x216056.325.0297.0
-
*6
*8*9
-
4096x2160/25sF
4096x2160i56.350.0297.0
-
*6*7
*7*8
*9
--
--
--
-
4096x2160/30p
4096x216067.530.0297.0
-
*6
*8*9
-
4096x2160/30sF
4096x2160i67.560.0297.0
-
*6*7
*7*8
*9
--
--
--
-
4096x2160135.0
60.0
297.0-
--
*10
*10
--
--
-
4096x2160135.0
60.0
594.0-
-
*9
-
--
4096x2160112.5
50.0
297.0-
--
*10
*10
--
--
-
4096x2160112.5
50.0
594.0-
-
*9
-
--
3840x2160/60p
3840x2160/50p
4096x2160/60p
4096x2160/50p
123
123123
DVI-D*3
SDI*1
DIGITAL
LINK
HDMI*2
H
(KHz)
V
(Hz)
Signal format
Resolution
(Dots)
Dot
clock freq.
(MHz)
Compatible signal
Scanning freq.
PT-
RQ13K
3-Chip DLP™ Projector
As of September 2016
13/19
SFD15M032-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19