| Zakładka z wyszukiwarką danych komponentów |
|
PCMF2USB3S Arkusz danych(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCMF2USB3S Arkusz danych(HTML) 14 Page - NXP Semiconductors |
|
14 / 23 page ![]() PCMFXUSB3S_SER All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 2 — 7 March 2016 14 of 23 NXP Semiconductors PCMFxUSB3S series Common-mode EMI filter for differential channels with ESD protection 7. Application information The device is designed to provide high-level ESD protection and common-mode filtering for differential high-speed data line pairs such as: • USB 3.1 • HDMI 2.0 • Transition-Minimized Differential Signaling (TMDS) • DisplayPort • external Serial Advanced Technology Attachment (eSATA) • Low Voltage Differential Signaling (LVDS) When designing the PCB, give careful consideration to impedance matching and signal coupling. Do not connect the protected signal lines to unlimited current sources like, for example, a battery. Since the SuperSpeed TX/RX lines are separated by GND or VBUS from the Hi-Speed lines, PCMF1USB3S makes it easy to achieve same signal lengths, straight routing, and optimal positioning for ESD protection directly at the connector. Fig 23. Application diagram: protecting and filtering the differential data lines of a USB Type-C connector evaluation dongle with PCMF1USB3S |