| Zakładka z wyszukiwarką danych komponentów |
|
3749/16 Arkusz danych(PDF) 2 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
3749/16 Arkusz danych(HTML) 2 Page - 3M Electronics |
|
2 / 3 page ![]() 3M™ Round Conductor Flat Cable .025" 30AWG Solid, TPE 3749 Series 3 Interconnect Solutions http://www.3Mconnectors.com 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 TS-0068-F Sheet 2 of 3 Ordering Information 3749 / XX XX Inch [mm] Tolerance Unless Noted .0 .00 .000 Inch ±.1 ±.05 ±.010 [ ] Dimensions for Reference Only Note: Available in standard 100 ft or 300 ft rolls, please specify when ordering. Contact 3M for availability of additional conductor counts and/or custom roll lengths. Note: Blue marking on one edge of cable designates wire #1. Number of Conductors (See Table) Blank = Standard SF = Splice Free Number of Conductors 3M Part Number Dimension A Dimension B 10 3749/10 0.250 +/- .006 [6.35] 0.225 +/- .004 [5.72] 12 3749/12 0.300 ± .006 [7.62] 0.275 ± .004 [6.99] 14 3749/14 0.350 ± .006 [8.89] 0.325 ± .004 [8.26] 16 3749/16 0.400 +/- .006 [10.16] 0.375 +/- .004 [9.53] 20 3749/20 0.500 ± .006 [12.70] 0.475 ± .004 [12.07] 24 3749/24 0.600 +/- .006 [15.24] 0.575 +/- .004 [14.61] 26 3749/26 0.650 ± .006 [16.51] 0.625 ± .004 [15.88] 30 3749/30 0.750 +/- .009 [19.05] 0.725 +/- .006 [18.42] 34 3749/34 0.850 ± .009 [21.59] 0.825 ± .006 [20.96] 36 3749/36 0.900 ± .009 [22.86] 0.875 ± .006 [22.23] 40 3749/40 1.000 ± .009 [25.40] 0.975 ± .006 [24.77] 50 3749/50 1.250 ± .009 [31.75] 1.225 ± .006 [31.12] 60 3749/60 1.500 ± .012 [38.10] 1.475 ± .009 [37.47] 68 3749/68 1.700 ± .012 [43.18] 1.675 ± .009 [42.55] 80 3749/80 2.000 ± .015 [50.80] 1.975 ± .011 [50.17] 100 3749/100 2.500 ± .015 [63.50] 2.475 ± .012 [62.87] A B .025 ± .003 [0.64] TPE Insulation .013 ± .005 [0.33] .025 ± .002 Typ [0.64] 30 AWG [0.254] Tinned Solid Copper Conductors |