Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLE76CF2360P Arkusz danych(PDF) 9 Page - Infineon Technologies AG

Numer części SLE76CF2360P
Szczegółowy opis  32-Bit Security Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE76CF2360P Arkusz danych(HTML) 9 Page - Infineon Technologies AG

  SLE76CF2360P Datasheet HTML 1Page - Infineon Technologies AG SLE76CF2360P Datasheet HTML 2Page - Infineon Technologies AG SLE76CF2360P Datasheet HTML 3Page - Infineon Technologies AG SLE76CF2360P Datasheet HTML 4Page - Infineon Technologies AG SLE76CF2360P Datasheet HTML 5Page - Infineon Technologies AG SLE76CF2360P Datasheet HTML 6Page - Infineon Technologies AG SLE76CF2360P Datasheet HTML 7Page - Infineon Technologies AG SLE76CF2360P Datasheet HTML 8Page - Infineon Technologies AG SLE76CF2360P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SLE 88CF4000P
Short Product Information
9 / 9
12.2009
Glossary
AIS-31
Functionality classes and evaluation methodology guidelines for physical random number generators
defined by the German Institute for the Security of the Information Technology.
Caches
Cache memories are fast RAM memories integrated into the CPU (faster access than external RAM)
CRC
Cyclic Redundancy Check
CPU
Central Processing Unit
CMOS
Complementary Metal-Oxide Semiconductor (technology used to manufacture most of today's chips)
DES
Data Encryption Standard
EC
Elliptic Curves
EEPROM
Electrically Erasable Programmable Read-Only Memory (equivalent to NVM)
ESD
Electrostatic Discharge, release of static electricity that can damage a chip
ETSI
European Telecommunication Standards Institute
GSM
Global System for Mobile Communication
HBM
Human Body Model
ISO/IEC
International Organization for Standardization/International Electrotechnical Commission
MED
Memory Encryption Decryption unit
MMU
Memory Management Unit
NVM
Non Volatile Memory
OS
Operating System
PRNG
Pseudo Random Number Generator
RAM
Random Access Memory
RISC
Reduced Instruction Set Computer
ROM
Read-Only Memory
RSA
Rivest, Shamir and Adleman, inventors of the RSA cryptosystem
T=0, T=1
Communication Protocols defined in ISO 7816 standard
TRNG
True Random Number Generator
UART
Universal Asynchronous Receiver/Transmitter
UICC
Universal Integrated Circuit Card
Sales code name
For ordering information please contact your Infineon local sales representative
SLE
88 C
400
0
..
SLE: IFX name
S: Solitary Digital Circuits
L: Free selectable
E: Temperature range
(-25°C up to +85°C)
Features:
F: Flash product
L: Contact-less interface
U: USB interface
N: SWP interface
Ordinal number :
e.g. : 0,2
Chip Family:
66: 8-bit/16-bit
76: 16-bit
78: Dual 16-bit
88: 32-bit
C: Controller
EEPROM size:
256: 256 kBytes
400: 400 kBytes
1M: 1MB
1M5: 1.5MB
Add. Features
P: Plus
X
…
X: Crypto Controller



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com