Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLE76CF1M2P Arkusz danych(PDF) 3 Page - Infineon Technologies AG

Numer części SLE76CF1M2P
Szczegółowy opis  32-Bit Security Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE76CF1M2P Arkusz danych(HTML) 3 Page - Infineon Technologies AG

  SLE76CF1M2P Datasheet HTML 1Page - Infineon Technologies AG SLE76CF1M2P Datasheet HTML 2Page - Infineon Technologies AG SLE76CF1M2P Datasheet HTML 3Page - Infineon Technologies AG SLE76CF1M2P Datasheet HTML 4Page - Infineon Technologies AG SLE76CF1M2P Datasheet HTML 5Page - Infineon Technologies AG SLE76CF1M2P Datasheet HTML 6Page - Infineon Technologies AG SLE76CF1M2P Datasheet HTML 7Page - Infineon Technologies AG SLE76CF1M2P Datasheet HTML 8Page - Infineon Technologies AG SLE76CF1M2P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SLE 88CF4000P
Short Product Information
3 / 9
12.2009
General Features
• Dedicated 32-bit smartcard core designed in cost-optimized 0.13 µm technology
• Pipelined 32-Bit RISC CPU with proprietary instruction set
• Specific instructions for Virtual Machine implementation like Java Card
• Ultra low power consumption design
• Very fast Task Switching supported by hardware mechanism for pre-emptive
multitasking support
• Maximum performance
• CPU supplied by 2 Cache Memories for fast instruction fetch and data access
• Internal clock generation up to 66 MHz
• Intelligent Power Manager which adjusts automatically and efficiently the internal
clock according to a dedicated power class
• Secure multi-application with Memory Management and Protection Unit (MMU)
• 256 packages separated and secured by hardware firewalls
• Data and code access controlled by hardware
• Memory and peripherals access managed with hardware supervisor components
Memory
• 400 kBytes EEPROM with Flash functionality and free partitioning between code
and data
• 16 kBytes RAM for local variables, buffers, and stacks
• Memories encrypted by MED (Memory Encryption/Decryption) device
• Memories protected by Hardware Error Correction Code
Interfaces
• Smartcard UART for handling serial interface in accordance with ISO/IEC 7816 part3
supporting transmission protocols T=1 and T=0, Support of clock division factor
of 16 (PPS96)



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com