| Zakładka z wyszukiwarką danych komponentów |
|
AD15700/PCB Arkusz danych(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD15700/PCB Arkusz danych(HTML) 8 Page - Analog Devices |
|
8 / 44 page ![]() REV. A –8– AD15700 AMPLIFIER ELECTRICAL CHARACTERISTICS [5 V Supply (TA = 25 C, VS = 5 V, RL = 1 k to 2.5 V, RF = 2.5 k , unless otherwise noted.)] Parameter Condition Min Typ Max Unit DYNAMIC PERFORMANCE –3 dB Small Signal Bandwidth G = +1, VO < 0.4 V p-p 54 80 MHz Slew Rate G = –1, VO = 2 V Step 27 32 V/ ms Settling Time to 0.1% G = –1, VO = 2 V Step, CL = 10 pF 125 ns DISTORTION/NOISE PERFORMANCE Total Harmonic Distortion fC = 1 MHz, VO = 2 V p-p, G = +2 –62 dBc fC = 100 kHz, VO = 2 V p-p, G = +2 –86 dBc Input Voltage Noise f = 1 kHz 15 nV/ ÷Hz Input Current Noise f = 100 kHz 2.4 pA/ ÷Hz f = 1 kHz 5 pA/ ÷Hz Differential Gain RL = 1 k W 0.17 % Differential Phase RL = 1 k W 0.11 Degrees DC PERFORMANCE Input Offset Voltage VCM = VCC/2; VOUT = 2.5 V ±1 ±6mV TMIN to TMAX ±6 ±10 mV Offset Drift VCM = VCC/2; VOUT = 2.5 V 5 mV/∞C Input Bias Current VCM = VCC/2; VOUT = 2.5 V 0.45 1.2 mA TMIN to TMAX 2.0 mA Input Offset Current 50 350 nA Open-Loop Gain VCM = VCC/2; VOUT = 1.5 V to 3.5 V 76 82 dB TMIN to TMAX 74 dB INPUT CHARACTERISTICS Common-Mode Input Resistance 40 M W Differential Input Resistance 280 k W Input Capacitance 1.6 pF Input Voltage Range –0.5 to +5.5 V Input Common-Mode Voltage Range –0.2 to +5.2 V Common-Mode Rejection Ratio VCM = 0 V to 5 V 56 70 dB VCM = 0 V to 3.8 V 66 80 dB Differential/Input Voltage 3.4 V OUTPUT CHARACTERISTICS Output Voltage Swing Low RL = 10 k W 0.05 0.02 V Output Voltage Swing High 4.95 4.98 V Output Voltage Swing Low RL = 1 k W 0.2 0.1 V Output Voltage Swing High 4.8 4.9 V Output Current 15 mA Short Circuit Current Sourcing 28 mA Sinking –46 mA Capacitive Load Drive G = +2 15 pF POWER SUPPLY Operating Range 2.7 12 V Quiescent Current per Amplifier 800 1400 mA Power Supply Rejection Ratio VS– = 0 V to –1 V or 75 86 dB VS+ = 5 V to 6 V OPERATING TEMPERATURE RANGE –40 +85 ∞C Specifications subject to change without notice. |