Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK5U4UCC0D-E Arkusz danych(PDF) 10 Page - ON Semiconductor

Numer części STK5U4UCC0D-E
Szczegółowy opis  Intelligent Power Module (IPM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5U4UCC0D-E Arkusz danych(HTML) 10 Page - ON Semiconductor

Back Button STK5U4UCC0D-E Datasheet HTML 6Page - ON Semiconductor STK5U4UCC0D-E Datasheet HTML 7Page - ON Semiconductor STK5U4UCC0D-E Datasheet HTML 8Page - ON Semiconductor STK5U4UCC0D-E Datasheet HTML 9Page - ON Semiconductor STK5U4UCC0D-E Datasheet HTML 10Page - ON Semiconductor STK5U4UCC0D-E Datasheet HTML 11Page - ON Semiconductor STK5U4UCC0D-E Datasheet HTML 12Page - ON Semiconductor STK5U4UCC0D-E Datasheet HTML 13Page - ON Semiconductor STK5U4UCC0D-E Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
STK5U4UCC0D-E
www.onsemi.com
10
Mounting Instructions
Item
Recommended Condition
Pitch
67.8 ±0.1 mm (Please refer to Package Outline Diagram)
Screw
diameter : M4
Bind machine screw, Truss machine screw, Pan machine screw
Washer
Plane washer
The size is D : 9 mm, d : 4.8 mm and t : 0.8 mm JIS B 1256
Heat sink
Material : Aluminum or Copper
Warpage (the surface that contacts IPM) :
50 to 100 μm
Screw holes must be countersunk.
No contamination on the heat sink surface that contacts IPM.
Torque
Temporary tightening : 20 to 30% of final tightening on first screw
Temporary tightening : 20 to 30% of final tightening on second screw
Final tightening : 0.79 to 1.17 Nm on first screw
Final tightening : 0.79 to 1.17 Nm on second screw
Grease
Silicone grease.
Thickness : 100 to 200 μm
Uniformly apply silicone grease to whole back.
Thermal foils are only recommended after careful evaluation. Thickness, stiffness and
compressibility parameters have a strong influence on performance.
Figure 7. Module mounting details: components; washer drawing; need for even spreading of thermal grease
Recommended
Not recommended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com