Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSN0480D Arkusz danych(PDF) 1 Page - MORE Semiconductor Company Limited

Numer części MSN0480D
Szczegółowy opis  40V(D-S) N-Channel Enhancement Mode Power MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORESEMI [MORE Semiconductor Company Limited]
Strona internetowa  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MSN0480D Arkusz danych(HTML) 1 Page - MORE Semiconductor Company Limited

  MSN0480D Datasheet HTML 1Page - MORE Semiconductor Company Limited MSN0480D Datasheet HTML 2Page - MORE Semiconductor Company Limited MSN0480D Datasheet HTML 3Page - MORE Semiconductor Company Limited MSN0480D Datasheet HTML 4Page - MORE Semiconductor Company Limited MSN0480D Datasheet HTML 5Page - MORE Semiconductor Company Limited MSN0480D Datasheet HTML 6Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Features
● VDS =40V,ID =80A
RDS(ON) <6.6mΩ @ VGS=10V
● High density cell design for ultra low Rdson
● Fully characterized avalanche voltage and current
● Good stability and uniformity with high EAS
● Excellent package for good heat dissipation
Application
● PWM
● Load Switching
Schematic diagram
Marking and pin assignment
TO-252-2L top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
MSN0480D
MSN0480D
TO-252-2L
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
80
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
56
A
Pulsed Drain Current
IDM
350
A
Maximum Power Dissipation
PD
80
W
Derating factor
0.53
W/℃
Single pulse avalanche energy
(Note 5)
EAS
670
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 175
MSN0480D
40V(D-S) N-Channel Enhancement Mode Power MOS FET
Lead Free
PIN Configuration
MORE Semiconductor Company Limited
http://www.moresemi.com
1/6


Podobny numer części - MSN0480D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORE Semiconductor Comp...
MSN0480D-TO252 MORESEMI-MSN0480D-TO252 Datasheet
485Kb / 6P
40V(D-S) N-Channel Enhancement Mode Power MOS FET
More results

Podobny opis - MSN0480D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORE Semiconductor Comp...
MSN04C0K MORESEMI-MSN04C0K Datasheet
629Kb / 6P
40V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0409W MORESEMI-MSN0409W Datasheet
700Kb / 6P
40V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0412W MORESEMI-MSN0412W Datasheet
588Kb / 6P
40V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0460D MORESEMI-MSN0460D Datasheet
483Kb / 6P
40V(D-S) N-Channel Enhancement Mode Power MOS FET
MSP0406W MORESEMI-MSP0406W Datasheet
479Kb / 6P
-40V(D-S) P-Channel Enhancement Mode Power MOS FET
MSN04C0K-TO220 MORESEMI-MSN04C0K-TO220 Datasheet
629Kb / 6P
40V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0409W-SOP8 MORESEMI-MSN0409W-SOP8 Datasheet
700Kb / 6P
40V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0412W-SOP8 MORESEMI-MSN0412W-SOP8 Datasheet
588Kb / 6P
40V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0460D-TO252 MORESEMI-MSN0460D-TO252 Datasheet
483Kb / 6P
40V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0480D-TO252 MORESEMI-MSN0480D-TO252 Datasheet
485Kb / 6P
40V(D-S) N-Channel Enhancement Mode Power MOS FET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com