Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CL-DB Arkusz danych(PDF) 1 Page - Copal Electronics

Numer części CL-DB
Szczegółowy opis  DETECT SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COPAL [Copal Electronics]
Strona internetowa  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CL-DB Arkusz danych(HTML) 1 Page - Copal Electronics

  CL-DB Datasheet HTML 1Page - Copal Electronics CL-DB Datasheet HTML 2Page - Copal Electronics CL-DB Datasheet HTML 3Page - Copal Electronics CL-DB Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CL-DB
DETECT SWITCHES
■ FEATURES
O High reliability by Gold contact
O RoHS compliant
O Available to detect from Top or side direction
O Automatic mounting possible
O Ultra-compact
O Low profile design of 3.35mm
Part name
①
②
③
④
⑤
⑥
Cover
Lever
Housing
Slider contact
Fixed contact
Terminal pin
Material
Flammability
UL94V-O
UL94V-O
UL94V-O
Polyamide
Polyamide
Polyamide
Copper alloy, Gold-plated
Copper alloy, Gold-plated
Copper alloy, Gold-plated
INTERNAL STRUCTURE
RoHS compliant
■ APPLICATIONS
O Detection of Communication devices,
 
Audio-visual equipment, Industrial instrument,
 
Security devices, etc.
■ PART NUMBER DESIGNATION
CL - DB - 1 C B - A 2 T
Series name
No. of bits
1:1 bit
Shape of terminal
B:Gull wing
Contact material
2
:Gold
Shape of actuator
A:Standard
Form of packaging
T :Taping (Reel)
Switching function
C:OFF
(ON)
1
2
3
4
5
6


Podobny numer części - CL-DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Copal Electronics
CL-DA COPAL-CL-DA Datasheet
955Kb / 4P
DETECT SWITCHES
CL-DA-1BB4-A2T COPAL-CL-DA-1BB4-A2T Datasheet
955Kb / 4P
DETECT SWITCHES
CL-DA-1CB4-A2T COPAL-CL-DA-1CB4-A2T Datasheet
955Kb / 4P
DETECT SWITCHES
More results

Podobny opis - CL-DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ITT Industries
KSM ITT-KSM Datasheet
151Kb / 2P
Side Actuated Detect Switches
logo
C&K Components
KM1202A08BE CK-COMPONENTS-KM1202A08BE Datasheet
164Kb / 3P
Subminiature Detect Switches
KSM CK-COMPONENTS-KSM Datasheet
164Kb / 2P
Side Actuated Detect Switches
logo
Copal Electronics
CF-DA-SERIES COPAL-CF-DA-SERIES Datasheet
235Kb / 2P
Detect Switches
CF-DA COPAL-CF-DA Datasheet
235Kb / 2P
Detect Switches
CL-DA COPAL-CL-DA Datasheet
955Kb / 4P
DETECT SWITCHES
SPB101 COPAL-SPB101 Datasheet
183Kb / 1P
Detect Switches
logo
C&K Components
KSM1131DLFG CK-COMPONENTS-KSM1131DLFG Datasheet
243Kb / 2P
Side Actuated Detect Switches
ATS CK-COMPONENTS-ATS_V01 Datasheet
280Kb / 3P
Anti-Tampering Detect Switches
3 Sep 20
KSJD CK-COMPONENTS-KSJD Datasheet
224Kb / 2P
Spherical Actuator Detect Switches
29 Jul 21
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com