| Zakładka z wyszukiwarką danych komponentów |
|
TMP320LC2402APGS Arkusz danych(PDF) 79 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320LC2402APGS Arkusz danych(HTML) 79 Page - Texas Instruments |
|
79 / 134 page ![]() TMS320LF2407A, TMS320LF2406A, TMS320LF2403A, TMS320LF2402A TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A DSP CONTROLLERS SPRS145K − JULY 2000 − REVISED AUGUST 2005 79 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 PARAMETER MEASUREMENT INFORMATION timing parameter symbology Timing parameter symbols used are created in accordance with JEDEC Standard 100. To shorten the symbols, some of the pin names and other related terminology have been abbreviated as follows: A A[15:0] MS Memory strobe pins IS, DS, or PS Cl XTAL1/CLKIN R READY CO CLKOUT RD Read cycle or RD D D[15:0] RS RESET pin RS INT XINT1, XINT2 W Write cycle or WE Lowercase subscripts and their meanings: Letters and symbols and their meanings: a access time H High c cycle time (period) L Low d delay time V Valid f fall time X Unknown, changing, or don’t care level h hold time Z High impedance r rise time su setup time t transition time v valid time w pulse duration (width) general notes on timing All output signals from the 240xA devices (including CLKOUT) are derived from an internal clock such that all output transitions for a given half-cycle occur with a minimum of skewing relative to each other. The signal combinations shown in the following timing diagrams may not necessarily represent actual cycles. For actual cycle examples, see the appropriate cycle description section of this data sheet. |