| Zakładka z wyszukiwarką danych komponentów |
|
ASX340CS Arkusz danych(PDF) 58 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASX340CS Arkusz danych(HTML) 58 Page - ON Semiconductor |
|
58 / 74 page ![]() ASX340CS_DS Rev. F Pub. 6/15 EN 58 ©Semiconductor Components Industries, LLC, 2015. ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor Modes and Timing Figure 40: Power Down Sequence (1) t3 is required between power down and next power up time, all decoupling caps from regulators must completely discharged before next power up. Figure 41: FRAME_SYNC to FRAME_VALID/LINE_VALID Table 30: Power Down Sequence Definition Symbol Minimum Typical Maximum Unit VDD to VDD_IO t0 0–– s VDD_IO to VAA/VAA_PIX t1 0–– s VAA/VAA_PIX to VDD_PLL/DAC t2 0–– s Power Down until Next Power Up Time t3 1001 –– ms Table 31: FRAME_SYNC to FRAME_VALID/LINE_VALID Parameters Parameter Name Conditions Min Typ Max Unit FRAME_SYNC to FV/LV tFRMSYNC_FVH Auto Config mode 1.21 – – ms tFRAME_SYNC tFRAMESYNC 30 ms VDD (1.8) VAA_PIX VAA (2.8) VDD_PLL VDD_DAC (2.8) EXTCLK VDD_IO (2.8) t3 t0 t2 t1 Power Down until next Power Up Cycle FRAME_SYNC FRAME_VALID LINE_VALID tFRAME_SYNC tFRMSYNH_FVH |