Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KLI-4104-RAA-CP-AE Arkusz danych(PDF) 21 Page - ON Semiconductor

Numer części KLI-4104-RAA-CP-AE
Szczegółowy opis  Linear CCD Image Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KLI-4104-RAA-CP-AE Arkusz danych(HTML) 21 Page - ON Semiconductor

Back Button KLI-4104-RAA-CP-AE Datasheet HTML 17Page - ON Semiconductor KLI-4104-RAA-CP-AE Datasheet HTML 18Page - ON Semiconductor KLI-4104-RAA-CP-AE Datasheet HTML 19Page - ON Semiconductor KLI-4104-RAA-CP-AE Datasheet HTML 20Page - ON Semiconductor KLI-4104-RAA-CP-AE Datasheet HTML 21Page - ON Semiconductor KLI-4104-RAA-CP-AE Datasheet HTML 22Page - ON Semiconductor KLI-4104-RAA-CP-AE Datasheet HTML 23Page - ON Semiconductor KLI-4104-RAA-CP-AE Datasheet HTML 24Page - ON Semiconductor KLI-4104-RAA-CP-AE Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
KLI−4104
www.onsemi.com
21
ELECTRICAL CHARACTERISTICS AC
Table 10. CLOCK LEVEL CONDITIONS FOR OPERATION
Description
Symbol
Min.
1 MHz
Operation
30 MHz
Operation
Max.
Unit
Notes
CCD Readout Clocks High
V
f1xH, Vf2xH
6.25
6.5
7.25
9.0
V
3, 7
CCD Readout Clocks Low
V
f1xL, Vf2xL
−0.1
0.0
0.0
0.1
V
1, 3
Transfer Clocks High
Chroma
Luma
VTGxCH
VTGxLH
6.25
7.00
6.5
7.5
7.25
8.00
9.0
10.0
V
4, 7
7
Transfer Clocks Low
VTGxL
−0.1
0.0
0.0
0.1
V
1, 4
Reset Clock High (Normal Mode)
V
fRxH
6.25
6.5
7.25
9.0
V
5, 7
Reset Clock Low
V
fRxL
−0.1
0.0
0.0
0.1
V
1, 5
Exposure Clocks High
VLOGxH
6.25
6.5
7.25
9.0
V
2, 6, 7
Exposure Clocks Low
VLOGxL
−0.1
0.0
0.0
0.1
V
1, 2, 6
1. Care should be taken to insure that low rail overshoot does not exceed −0.5 VDC. Exceeding this value may result in non-photogenerated
charged being injected into the video signal.
2. Connect pin to ground potential for applications where exposure control is not required.
3. Where “x” can be “CA”, “CB”, “LA”, or “LB”.
4. Where “x” can be “1” or “2”.
5. Where “x” can be “C”, “LA”, or “LB”.
6. Where “x” can be “R”, “G”, or “B”.
7. For high level clocks at 30 MHz operation, use the values found in the “30 MHz Operation” column. This value represents the recommended
setting for operation. Operating ranges for the high level clocks should be held to a variation range of
±0.25. Clock levels below this range
will result in loss of charge transfer efficiency and other performance degradations.
Table 11. CLOCK VOLTAGE DETAIL CHARACTERISTICS
Description
Symbol
Min.
Nom.
Max.
Unit
Notes
TG1C High-Level Variation
V1HH
−
0.50
1
V
High-Level Coupling
TG1C Low-Level Variation
V1LL
−
0.14
1
V
Low-Level Coupling
TG2x High-Level Variation
V2HL
−
0.28
1
V
High-Level Coupling
TG2x Low-Level Variation
V2LH
−
0.46
1
V
Low-Level Coupling
f1x High-Level Variation
f1HH
−
0.30
1
V
f1x High-Level Variation
f1HL
−
0.07
1
V
f1x Low-Level Variation
f1LH
−
0.16
1
V
f1x Low-Level Variation
f1LL
−
0.25
1
V
f2x High-Level Variation
f2HH
−
0.40
1
V
f2x High-Level Variation
f2HL
−
0.06
1
V
f2x Low-Level Variation
f2LH
−
0.10
1
V
f2x Low-Level Variation
f2LL
−
0.27
1
V
f1x − f2x Cross-Over
f1CR1
40
50
60
%
Rising Side of
f1
f1x − f2x Cross-Over
f1CR2
40
50
60
%
Falling Side of
f1
fRx High-Level Variation
RGHH
−
0.19
1
V
fRx High-Level Variation
RGHL
−
0.20
1
V
fRx Low-Level Variation
RGLH
−
0.11
1
V
fRx Low-Level Variation
RGLL
−
0.30
1
V
TG1C Rise Time
tV1R
−
0.26
1
ms
2
TG2x Rise Time
tV2R
−
0.55
1
ms
2
TG1C Fall Time
tV1F
−
0.43
1
ms
2
TG2x Fall Time
tV2F
−
0.31
1
ms
2
f1 Rise Time
tH1R
−
9.0
10
ns
2
f2 Rise Time
tH2R
−
6.9
10
ns
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com