| Zakładka z wyszukiwarką danych komponentów |
|
MD200C08D2 Arkusz danych(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MD200C08D2 Arkusz danych(HTML) 10 Page - Microchip Technology |
|
10 / 28 page ![]() MM7150 DS00001888B-page 10 2015 - 2016 Microchip Technology Inc. 3.2.1 FEATURE REPORT 3.2.2 3D ACCELEROMETER INPUT REPORT 3.2.3 COMPASS INPUT REPORT TABLE 3-2: FEATURE REPORT FORMAT Field Description Size ucReportID Report ID UINT 8 ucConnectionType Connection Type UINT 8 ucReportingState Reporting State UINT 8 ucPowerState Power On State UINT 8 ucSensorState Sensor State UINT 8 uIReportInterval Reporting Interval UINT 16 usAccuracy Accuracy UINT 16 usResolution Resolution UINT 16 usChangeSensitivity Change Sensitivity UINT 16 sMaximum Maximum range INT 16 sMinimum Minimum range INT 16 minimumReportInterval Minimum report interval supported UINT16 sensorDesc[6] Sensor description, initialized “MCHPSF” INT16 TABLE 3-3: 3D ACCELEROMETER REPORT FORMAT Field Description Size ucReportID Report ID UINT 8 ucSensorState Sensor State UINT 8 ucEventType Event Type UINT 8 sAccelXValue Accelerometer X axis value INT 16 sAccelYValue Accelerometer Y axis value INT 16 sAccelZValue Accelerometer Z axis value INT 16 ucShakeDetectState Shake event detection UINT 8 TABLE 3-4: COMPASS REPORT FORMAT Field Description Size ucReportID Report ID UINT 8 ucSensorState Sensor State UINT 8 ucEventType Event Type UINT 8 sHeadingCompensatedMag- neticNorthValue Magnetic north value INT 16 sFluxXValue Magnetic field strength, X axis value INT16 sFluxYValue Magnetic field strength, Y axis value INT16 sFluxZValue Magnetic field strength, Z axis value INT16 |