| Zakładka z wyszukiwarką danych komponentów |
|
MCP9902T-2E/RW Arkusz danych(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9902T-2E/RW Arkusz danych(HTML) 4 Page - Microchip Technology |
|
4 / 50 page ![]() MCP9902/3/4 DS20005382C-page 4 2015-2016 Microchip Technology Inc. External Temperature Monitor Temperature Accuracy (MCP9902) — -1 ±0.25 +1 °C -40°C < TDIODE < +105°C, -40°C < TA <+65°C -2 ±0.25 +2 °C -40°C < TDIODE < +125°C -40°C < TA < +125°C Temperature Accuracy (MCP9903, MCP9904) — -1 ±0.25 +1 °C -40°C < TDIODE < +125°C, -40°C < TA <+65°C -2 ±0.25 +2 °C +40°C < TDIODE < +125°C -40°C < TA < +125°C Temperature Resolution —— 0.125 — °C — Internal Temperature Monitor Temperature Accuracy — -1 ±0.25 +1 °C -40°C < TA < +65°C -2 ±0.5 +2 °C -40°C < TA < +125°C Temperature Resolution —— 0.125 — °C — Timing and Capacitive Filter Time to First Communications tINT_T — 15 20 ms Time after power up before ready to begin communications and measurement Conversion Time All Channels (MCP9903, MCP9904) tCONV — 190 — ms Default settings Conversion Time All Channels (MCP9902) tCONV — 150 — ms Default settings Time to First Conversion from Standby tCONV1 — 220 — ms Default settings Capacitive Filter CFILTER — 2.2 2.7 nF Connected across external diode ALERT and THERM Pins Output Low Voltage VOL 0.4 — — V ISINK =8 mA Leakage Current ILEAK —— ±5 µA ALERT and THERM pins Device powered or unpowered TA < +85°C pull-up voltage < 3.6V 1.2 DC Characteristics (Continued) Electrical Characteristics : Unless otherwise specified, 3.0 ≤ VDD ≤ 3.6V at -40°C ≤ TA ≤ +125°C Characteristic Sym. Min. Typ. Max. Units Conditions 1.3 Thermal Specifications Electrical Characteristics: Unless otherwise specified, 3.0 VDD 3.6V at -40C TA +125C Parameters Sym. Min. Typ. Max. Units Test Conditions Temperature Ranges Specified Temperature Range TA -40 — +125 °C Operating Temperature Range TA -40 — +125 °C Storage Temperature Range TA -65 — +125 °C Thermal Package Resistances (Note 1) Thermal Resistance, 8L-WDFN, 2x2 JA — 141.3 — °C/W |