| Zakładka z wyszukiwarką danych komponentów |
|
TUSB522PIRGET Arkusz danych(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB522PIRGET Arkusz danych(HTML) 9 Page - Texas Instruments |
|
9 / 21 page ![]() 9 TUSB522P www.ti.com SLLSEV9A – JULY 2016 – REVISED OCTOBER 2016 Product Folder Links: TUSB522P Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated 7.3 Feature Description 7.3.1 Receiver Equalization The purpose of receiver equalization is to compensate for channel insertion loss and inter-symbol interference in the system before the input of the TUSB522P. The receiver overcomes these losses by attenuating the low frequency components of the signals with respect to the high frequency components. The proper gain setting should be selected to match the channel insertion loss before the input of the TUSB522P receivers. The gain setting may differ for channel 1 and channel 2. 7.3.2 De-Emphasis Control and Output Swing The differential driver output provides selectable de-emphasis and output swing control in order to achieve USB3.1 compliance. The TUSB522P offers a unique way to adjust output de-emphasis and transmitter swing based on the OS1/2 and DE1/2 pins. The level of de-emphasis required in the system depends on the channel length after the output of the re-driver. The output swing and de-emphasis levels may differ for channel 1 and channel 2. Figure 1. Transmitter Differential Voltage, OS = Floating 7.3.3 Automatic LFPS Detection The TUSB522P features an intelligent low frequency periodic signaling (LFPS) controller. The controller senses the low frequency signals and automatically disables the driver de-emphasis, for full USB3.1 compliance. |