| Zakładka z wyszukiwarką danych komponentów |
|
ADM1021AARQZ-R Arkusz danych(PDF) 15 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
ADM1021AARQZ-R Arkusz danych(HTML) 15 Page - ON Semiconductor |
|
15 / 16 page ![]() ADM1021A http://onsemi.com 15 Figure 20. Typical System Using ADM1021A FWH (FIREWARE HUB) CD−ROM PCI BUS SMBus ICH I/O CONTROLLER HUB GMCH PROCESSOR DISPLAY DISPLAY CACHE SYSTEM MEMORY SUPER I/O SYSTEM BUS PCI SLOTS 2 USB PORTS 2 IDE PORTS HARD DISK USB USB D− D+ ADM1021A SCLK SDATA ALERT Table 12. ORDERING INFORMATION Device Number* Temperature Range Package Type Package Option Shipping† ADM1021AARQZ−R 0C to +100C 16-lead QSOP RQ−16 2,500 Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *The “Z’’ suffix indicates Pb-Free part. |