| Zakładka z wyszukiwarką danych komponentów |
|
M28W160ECT85N6F Arkusz danych(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W160ECT85N6F Arkusz danych(HTML) 15 Page - STMicroelectronics |
|
15 / 50 page ![]() 15/50 M28W160ECT, M28W160ECB Table 5. Read Block Lock Signature Note: 1. A Locked-Down Block can be locked "DQ0 = 1" or unlocked "DQ0 = 0"; see Block Locking section. Table 6. Read Protection Register and Lock Register Table 7. Program, Erase Times and Program/Erase Endurance Cycles Block Status E G W A0 A1 A2-A7 A8-A11 A12-A19 DQ0 DQ1 DQ2-DQ15 Locked Block VIL VIL VIH VIL VIH 0 Don't Care Block Address 1 0 00h Unlocked Block VIL VIL VIH VIL VIH 0 Don't Care Block Address 0 0 00h Locked-Down Block VIL VIL VIH VIL VIH 0 Don't Care Block Address X (1) 1 00h Word E G W A0-A7 A8-A19 DQ0 DQ1 DQ2 DQ3-DQ7 DQ8-DQ15 Lock VIL VIL VIH 80h Don't Care 0 OTP Prot. data Security prot. data 00h 00h Unique ID 0 VIL VIL VIH 81h Don't Care ID data ID data ID data ID data ID data Unique ID 1 VIL VIL VIH 82h Don't Care ID data ID data ID data ID data ID data Unique ID 2 VIL VIL VIH 83h Don't Care ID data ID data ID data ID data ID data Unique ID 3 VIL VIL VIH 84h Don't Care ID data ID data ID data ID data ID data OTP 0 VIL VIL VIH 85h Don't Care OTP data OTP data OTP data OTP data OTP data OTP 1 VIL VIL VIH 86h Don't Care OTP data OTP data OTP data OTP data OTP data OTP 2 VIL VIL VIH 87h Don't Care OTP data OTP data OTP data OTP data OTP data OTP 3 VIL VIL VIH 88h Don't Care OTP data OTP data OTP data OTP data OTP data Parameter Test Conditions M28W160EC Unit Min Typ Max Word Program VPP = VDD 10 200 µs Double Word Program VPP = 12V ±5% 10 200 µs Main Block Program VPP = 12V ±5% 0.16 5 s VPP = VDD 0.32 5 s Parameter Block Program VPP = 12V ±5% 0.02 4 s VPP = VDD 0.04 4 s Main Block Erase VPP = 12V ±5% 110 s VPP = VDD 110 s Parameter Block Erase VPP = 12V ±5% 0.4 10 s VPP = VDD 0.4 10 s Program/Erase Cycles (per Block) 100,000 cycles |