Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MBR2550CT Arkusz danych(PDF) 1 Page - Inchange Semiconductor Company Limited

Numer części MBR2550CT
Szczegółowy opis  Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBR2550CT Arkusz danych(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBR2550CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBR2550CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Schottky Barrier Rectifier
MBR2550CT
FEATURES
·
Low power loss, high efficiency.
·
High surge capacity.
MECHANICAL CHARACTERISTICS
·
in low voltage, high frequency inverters, free wheeling,
and polarity protection applications.
·
Metal silicon junction, majority carrier conduction.
·
High current capacity, low forward voltage drop.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
DC Blocking Voltage
50
V
IF(AV)
Average Rectified Forward Current
(Rated VR , Square Wave, 20 KHz) @ TA
= 130°C
30
A
IFSM
Nonrepetitive Peak Surge Current
8.3 ms single half-sine-wave
Superimposed on rated load (JEDEC
method)
150
A
TJ
Junction Temperature
-65~150
℃
Tstg
Storage Temperature Range
-50~175
℃


Podobny numer części - MBR2550CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MBR2550CT FAIRCHILD-MBR2550CT Datasheet
35Kb / 3P
30 Ampere Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR2550CT DIODES-MBR2550CT Datasheet
65Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS31036 Rev. D-2
logo
General Semiconductor
MBR2550CT GE-MBR2550CT Datasheet
72Kb / 2P
SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
MBR2550CT GOOD-ARK-MBR2550CT Datasheet
259Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR2550CT DIODES-MBR2550CT Datasheet
63Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS31036 Rev. 6 - 2
More results

Podobny opis - MBR2550CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com