| Zakładka z wyszukiwarką danych komponentów |
|
ST92185B2 Arkusz danych(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92185B2 Arkusz danych(HTML) 70 Page - STMicroelectronics |
|
70 / 178 page ![]() 70/178 ST92185B - I/O PORTS INPUT/OUTPUT BIT CONFIGURATION (Cont’d) Figure 38. Basic Structure of an I/O Port Pin Figure 39. Input Configuration n n Figure 40. Output Configuration n OUTPUT SLAVE LATCH OUTPUT MASTER LATCH INPUT LATCH INTERNAL DATA BUS I/O PIN PUSH-PULL TRISTATE OPEN DRAIN WEAK PULL-UP FROM PERIPHERAL OUTPUT OUTPUT INPUT BIDIRECTIONAL ALTERNATE FUNCTION TO PERIPHERAL INPUTS AND TTL / CMOS (or Schmitt Trigger) INTERRUPTS ALTERNATE FUNCTION INPUT OUTPUT BIDIRECTIONAL OUTPUT MASTER LATCH INPUT LATCH OUTPUT SLAVE LATCH INTERNAL DATA BUS I/O PIN TRISTATE TO PERIPHERAL INPUTS AND TTL / CMOS (or Schmitt Trigger) INTERRUPTS OUTPUT MASTER LATCH INPUT LATCH OUTPUT SLAVE LATCH INTERNAL DATA BUS I/O PIN OPEN DRAIN TTL (or Schmitt Trigger) PUSH-PULL TO PERIPHERAL INPUTS AND INTERRUPTS |