| Zakładka z wyszukiwarką danych komponentów |
|
PA-830-103A-R2 Arkusz danych(PDF) 2 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
PA-830-103A-R2 Arkusz danych(HTML) 2 Page - Copal Electronics |
|
2 / 4 page ![]() Ripple content Consumption current 10 % (P-P) 20 maximum mA maximum Supply voltage 12 ~ 24 ± 10 % V DC :Not available ※Verify the above model numbers when placing orders. Pressure reference Gauge Absolute 0 ~ 9.8 0 ~ 49.0 0 ~ 98.1 0 ~ 343 0 ~ 981 0 ~ − 98.1 0 ~ 34.3 0 ~ 98.1 {0 ~ 0.1} {0 ~ 0.5} {0 ~ 1} {0 ~ 3.5} {0 ~ 10} {0 ~ − 1} {0 ~ 0.35} {0 ~ 1} kPa {kgf/cm2} Rated pressure range {% F.S./°C} Thermal error Output Voltage output ± 0.05 Fitting: G 1/8 Fitting: R 1/4 Fitting: VCR Fitting: G 1/8 ± 0.10 ■ LIST OF MODEL NUMBERS PA-830 -501G-05 PA-830 -101G-10 PA-830 -501G-R2 PA-830 -102G-05 PA-830 -102G-R2 PA-830 -352G-05 PA-830 -352G-R2 PA-830 -103G-05 PA-830 -103G-R2 PA-830 -102V-05 PA-830 -102V-R2 PA-830 -351A-05 PA-830 -351A-R2 PA-830 -351A-VCR PA-830 -102A-05 PA-830 -102A-R2 PA-830 -102A-VCR PA-830 -102V-VCR PA-830 -103G-VCR PA-830 -352G-VCR PA-830 -102G-VCR PA-830 -501G-VCR PA-830 -351A-10 PA-830 -102A-10 PA-830 -102V-10 PA-830 -103G-10 PA-830 -352G-10 PA-830 -102G-10 PA-830 -501G-10 ■ STANDARD SPECIFICATIONS Item Pressure reference Rated pressure range Maximum pressure Break-down pressure Operating temp. range Compensated temp. range Storage temp. Operating humidity Pressure medium Insulation resistance Dielectric strength Sealed liquid Pressure port Net weight Model number PA-830 101G 501G 102G 352G 103G 102V 351A 102A Gauge Absolute 9.8 49.0 98.1 343 981 − 98.1 34.3 (abs) 98.1 (abs) {0.1} {0.5} {1} {3.5} {10} { −1} {0.35} {1} 19.6 98.1 196 686 1961 196 103 (abs) 196 (abs) {0.2} {1} {2} {7} {20} {2} {1.05} {2} 29.4 147 294 1030 2942 294 147 (abs) 294 (abs) {0.3} {1.5} {3} {10.5} {30} {3} {1.5} {3} Corrosive gases/liquids compatible with SUS 316L Approx. 140 100 (500 V DC) 500 V AC, 60 s(Leakage current 1 mA maximum) Silicone oil G 1/8 (PF 1/8)、R 1/4 (PT 1/4)、1/4 VCR® ※2 0 ~ 50 35 ~ 85(No condensation) − 20 ~ 70(Atmospheric pressure, humidity 65 %RH maximum) − 20 ~ 70 kPa {kgf/cm2} kPa {kgf/cm2} kPa {kgf/cm2} °C °C %RH °C M Ω minimum g ※1 PA-830-VCR : Also compatible with SUS316. ※2 An “O” ring is provided for only G1/8 type. (Positive pressure : P15, Negative/Absolute Pressure : P12.5) ※1 ● Unless otherwise specified, the specs are defined at an ambient temperature of 25±5 °C and excitation voltage of 12 V DC. PA-830 PRESSURE TRANSDUCERS WITH AMP. |