| Zakładka z wyszukiwarką danych komponentów |
|
PA-750-352A-R1- Arkusz danych(PDF) 2 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
PA-750-352A-R1- Arkusz danych(HTML) 2 Page - Copal Electronics |
|
2 / 4 page ![]() Fitting PA-750 PA-750 PRESSURE TRANSDUCERS WITH AMP. ■ STANDARD SPECIFICATIONS Item Pressure reference Rated pressure range Maximum pressure Break-down pressure Operating temp. range Compensated temp. range Storage temp. Operating humidity Pressure medium Insulation resistance Dielectric strength Sealed liquid Pressure port Net weight Drip-proof structure Model number 102G 352G 103G 353G 102V 102R 302R 102A Gauge Absolute 100 350 1000 3500 − 100 − 100 ~ 100 − 100 ~ 300 100 (abs) 200 700 2000 5000 200 200 600 200 (abs) 300 1050 3000 7000 300 300 900 300 (abs) Corrosive gases/liquids compatible with SUS 316L or SUS304 R2 : Approx. 50 IP65 100 (500 V DC) 500 V AC, 60 s(Leakage current 1 mA maximum) Silicone oil R 1/8 þR 1/4 0 ~ 50 35 ~ 85(No condensation) − 20 ~ 80(Atmospheric pressure, humidity 65 %RH maximum) − 20 ~ 80 kPa kPa kPa °C °C %RH °C M Ω minimum g ● Unless otherwise specified, the specs are defined at an ambient temperature of 25±5 °C and excitation voltage of 12 V DC. Pressure reference Gauge Absolute Cable kPa Rated pressure range ■ LIST OF MODEL NUMBERS 0 ~ 100 0 ~ 350 0 ~ 1000 0 ~ 3500 0 ~ − 100 − 100 ~ 100 − 100 ~ 300 0 ~ 100 (abs) PA-750- A 102G-R1-1 PA-750- A 352G-R1-1 PA-750- 103G-R1-1 PA-750- 353G-R1-1 PA-750- A 102V-R1-1 PA-750- 102R-R1-1 PA-750- 302R-R1-1 PA-750- 102A-R1-1 PA-750- A 102G-R2 PA-750- A 352G-R2 PA-750- 103G-R2 PA-750- 353G-R2 PA-750- A 102V-R2 PA-750- 102R-R2 PA-750- 302R-R2 PA-750- 102A-R2 PA-750- A 102G-R2-1 PA-750- A 352G-R2-1 PA-750- 103G-R2-1 PA-750- 353G-R2-1 PA-750- A 102V-R2-1 PA-750- 102R-R2-1 PA-750- 302R-R2-1 PA-750- 102A-R2-1 Attached R1 R2 Not attached Attached Not attached PA-750- A 102G-R1 PA-750- A 352G-R1 PA-750- 103G-R1 PA-750- 353G-R1 PA-750- A 102V-R1 PA-750- 102R-R1 PA-750- 302R-R1 PA-750- 102A-R1 ※Verify the above model numbers when placing orders. The products marked A are manufactured upon receipt of order basis. |