| Zakładka z wyszukiwarką danych komponentów |
|
TD220 Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TD220 Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 8 page ![]() TD220/221 Block Diagram 2/8 1 BLOCK DIAGRAM Pin Description Name Pin Number Type Function VCC 1 Power supply Supply capacitor and startup resistor VOUT 2 Analog output +3.3V (TD220) or +5V (TD221) voltage regulator IN 4 Digital input Input signal for gate drive GATE 5 Analog output Gate drive output GND 6 Power supply Signal ground VSUP 7 Power supply Charge pump input VCAP 8 Power supply Capacitor for charge pump GND IN VOUT VCC GATE VCAP VSUP NC D1 D2 D3 Q1 22V Vreg UVLO TPR 13V 75k |