| Zakładka z wyszukiwarką danych komponentów |
|
RN4020 Arkusz danych(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RN4020 Arkusz danych(HTML) 8 Page - Microchip Technology |
|
8 / 28 page ![]() RN4020 DS50002279B-page 8 2015 Microchip Technology Inc. 4.0 PHYSICAL DIMENSIONS Figure 4-1 shows the physical dimensions for RN4020 module. Figure 4-2 illustrates the recommended PCB layout. It is recommended that when laying out the carrier board for the RN4020 module, the areas under the antenna, RF test point (semi-circular pad), and shielding connections do not contain surface traces, ground planes, or exposed vias. Figure 4-3 specifies the recommended mounting details. For optimal radio performance, it is recom- mended that the antenna end of the RN4020 module protrudes at least 31 mm beyond any metal enclosure. Figure 4-4 shows an example of good and acceptable positioning of the RN4020 on the host PCB. FIGURE 4-1: RN4020 MODULE DIMENSIONS |