| Zakładka z wyszukiwarką danych komponentów |
|
MCS3142 Arkusz danych(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCS3142 Arkusz danych(HTML) 18 Page - Microchip Technology |
|
18 / 57 page ![]() Quick Start 2014 Microchip Technology Inc. DS40001746A-page 17 The synchronization counter is used to validate Classic KEELOQ transmissions. If the transmitted value falls outside the acceptable boundaries of the receiver’s copy, an error similar to Figure 2-14 is displayed. FIGURE 2-14: CLASSIC KEELOQ SYNCHRONIZATION ERROR Packets from Ultimate KEELOQ encoders are always validated initially by confirming the Authorization Code portion of the transmission. If this check fails, a message similar to Figure 2-15 is displayed. Note that, this may be seen while completing the Secure Learn process and does not necessarily indicate an error. FIGURE 2-15: AUTHORIZATION CODE INVALID The kit allows the user to erase, or ‘forget’, all paired transmitters. If done, the LCD will display a message similar to Figure 2-16. FIGURE 2-16: DELETE EEPROM |