| Zakładka z wyszukiwarką danych komponentów |
|
ADE3300 Arkusz danych(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADE3300 Arkusz danych(HTML) 15 Page - STMicroelectronics |
|
15 / 88 page ![]() 15/88 ADE3XXX Global Control Block GLBL_CLK_SRC_SEL_2 0x0002 [7] 0x0 Reserved R/W [6:4] 0x4 LLK CTRL CLK source 0x0: YUVCLK pin 0x1: SCLK freq synth 0x2: LLKPLL control clock (normal) 0x3: CLKIN pin 0x4: crystal clock 0x5: 0 0x6 - 0x7: Reserved [3] Reserved R/W [2:0] 0x4 LLK ZERO CLK source 0x0: YUVCLK pin 0x1: SCLK freq synth 0x2: LLKPLL zero clock (normal) 0x3: CLKIN pin 0x4: crystal clock 0x5: 0 0x6 - 0x7: Reserved GLBL_CLK_INV 0x0003 [7] 0x0 Reserved R/W [6] 0x0 Invert YUV clock R/W [5] 0x0 Invert DVI detect clock R/W [4] 0x0 Invert ADC clock R/W [3] 0x0 Invert LLPLL zero clock R/W [2] 0x0 Invert LLPLL ctrl clock R/W [1] 0x0 Invert DOT clock R/W [0] 0x0 Invert input clock GLBL_ANA_PWR 0x0005 [7:5] 0x0 Reserved R/W [4] 0x1 Blue ADC power down R/W [3] 0x1 Green ADC power down R/W [2] 0x1 Red ADC power down R/W [1] 0x1 DVI detect clock power down R/W [0] 0x1 DVI PLL power down GLBL_XK_SRST 0x0006 [7:3] 0x0 Reserved R/W [2] 0x0 SMEAS block reset, synchronous to XCLK R/W [1] 0x0 SRT block reset, synchronous to XCLK R/W [0] 0x0 Frame sync block reset, synchronous to XCLK GLBL_I2C_CTRL 0x0007 [7:3] 0x0 Reserved R/W [2] 0x0 Disable I2C auto increment R/W [1] 0x0 SDA PMOS enable R/W [0] 0x0 Bypass I2C filter GLBL_XTAL_CTRL 0x0008 [7:1] 0x0 Reserved R/W [0] 0x1 Crystal Oscillator Enable Table 4: Global Registers (Sheet 2 of 4) Register Name Addr. Mode Bits Default Description |