Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N6764A Arkusz danych(PDF) 10 Page - Keysight Technologies

Numer części N6764A
Szczegółowy opis  DC Power Modules
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N6764A Arkusz danych(HTML) 10 Page - Keysight Technologies

Back Button N6764A Datasheet HTML 6Page - Keysight Technologies N6764A Datasheet HTML 7Page - Keysight Technologies N6764A Datasheet HTML 8Page - Keysight Technologies N6764A Datasheet HTML 9Page - Keysight Technologies N6764A Datasheet HTML 10Page - Keysight Technologies N6764A Datasheet HTML 11Page - Keysight Technologies N6764A Datasheet HTML 12Page - Keysight Technologies N6764A Datasheet HTML 13Page - Keysight Technologies N6764A Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
N6731B-N6786A DC Power Modules
N6700B-N6705B Mainframes
10
Specifications Guide
Power Module Option Characteristics
Option 760 & 761
Option 761 provides output and sense disconnect relays. Option 760
provides polarity reversal in addition to output and sense disconnect.
Note that models N678xA SMU have output and sense disconnect relays
built in.
• Option 760 limits the output current to 10 A on Models N6742B
and N6773A.
• Option 760 is not available on Models N6741B, N6751A, N6752A,
N6761A, N6762A, and N6781A – N6786A
Although the plus and minus rail of the output power mesh are
physically disconnected from the output terminals with options 760 and
761, a small AC network is still connected across the plus and minus
output terminals (see figure).
Option 054
Option 054 (High-speed Test Extensions) include output list and
digitized measurement capability. This option is separately orderable for
Models N673xB, N674xB, N677xA, and N675xA when installed in an
N6700 MPS mainframes. All other power modules as well as the N6705
DC Power Analyzer mainframes have output list and digitized
measurement capability built in.
Output list:
• Maximum number of steps = 512
• Maximum dwell time in seconds = 262
• Maximum list repetitions = 256 or infinite
Digitized measurement:
• Maximum measurement points = 524,288
• Maximum sample rate = 97.656 kHz
Option 2UA
Option 2UA is a 200 microampere measurement range available on
Models N6761A and N6762A only. It includes Option 761 relay
capability.
+S
+
-S
Option 761
+ rail
+ sense
- rail
- sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com