Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMH Arkusz danych(PDF) 4 Page - Illinois Capacitor, Inc.

Numer części LMH
Szczegółowy opis  Multiple Case Sizes - High Voltage ??High Current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Strona internetowa  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

LMH Arkusz danych(HTML) 4 Page - Illinois Capacitor, Inc.

  LMH Datasheet HTML 1Page - Illinois Capacitor, Inc. LMH Datasheet HTML 2Page - Illinois Capacitor, Inc. LMH Datasheet HTML 3Page - Illinois Capacitor, Inc. LMH Datasheet HTML 4Page - Illinois Capacitor, Inc. LMH Datasheet HTML 5Page - Illinois Capacitor, Inc. LMH Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LMH
+105°C, standard 2000 hrs
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
560
400 567LMH400MZDG 444.071
1.9
30x45
560
400
567LMH400MZEE 444.071
1.63
35x35
560
450
567LMH450MZEG 444.071
1.7
35x45
560
450
567LMH450MZEH 444.071
1.9
35x50
680
160
687LMH160MZBD 365.71
1.7
22x30
680
160
687LMH160MZCC 365.71
1.7
25x25
680
200
687LMH200MZBF
365.71
1.75
22x40
680
200
687LMH200MZCD 365.71
1.75
25x30
680
250
687LMH250MZBH 365.71
1.7
22x50
680
250
687LMH250MZEC
365.71
1.7
35x25
680
250
687LMH250MZCF
365.71
1.73
25x40
680
250 687LMH250MZDD 365.71
1.71
30x30
680
250
687LMH250MZBG 365.71
1.7
22x45
680
350 687LMH350MZDH 365.71
1.7
30x50
680
350
687LMH350MZEF
365.71
1.7
35x40
680
400
687LMH400MZEG 365.71
2.12
35x45
680
400 687LMH400MZDH 365.71
1.8
30x50
680
400
687LMH400MZEF
365.71
1.8
35x40
680
450
687LMH450MZEH 365.71
1.91
35x50
820
100
827LMH100MZBC 404.357
1.4
22x25
820
160
827LMH160MZBE 303.27
2
22x35
820
160
827LMH160MZCD 303.27
2
25x30
820
200
827LMH200MZDC 303.27
1.92
30x25
820
200
827LMH200MZBF
303.27
1.75
22x40
820
200
827LMH200MZBG 303.27
2.04
22x45
820
200
827LMH200MZCE
303.27
2.04
25x35
820
250
827LMH250MZED 303.27
2
35x30
820
250
827LMH250MZCG 303.27
2
25x45
820
250
827LMH250MZDE 303.27
2
30x35
820
350
827LMH350MZEG 303.27
2
35x45
820
400
827LMH400MZEH 303.27
2.3
35x50
820
400
827LMH400MZEG 303.27
1.9
35x45
1000
100
108LMH100MZBD 121.902
1.7
22x30
1000
160
108LMH160MZBF
248.68
2.2
22x40
1000
160
108LMH160MZCE
248.68
2.2
25x35
1000
160
108LMH160MZDC 248.68
2.2
30x25
1000
200
108LMH200MZBH 248.68
2.3
22x50
1000
200
108LMH200MZCG 248.68
2.3
25x45
1000
200 108LMH200MZDD 248.68
2.3
30x30
1000
200
108LMH200MZEC
248.68
2.3
35x25
1000
200
108LMH200MZBG 248.68
2.04
22x45
1000
250
108LMH250MZCH 248.68
2.2
25x50
1000
250
108LMH250MZDF 248.68
2.2
30x40
1000
250
108LMH250MZED 248.68
2.2
35x30
1200
80
128LMH080MZBC 365.71
1.5
22x25
1200
100
128LMH100MZBD 276.31
1.8
22x30
1200
100
128LMH100MZCC 276.31
1.8
25x25
1200
160 128LMH160MZDD 207.23
2.3
30x30
1200
160
128LMH160MZCF
207.23
2.3
25x40
1200
160
128LMH160MZEC
207.23
2.33
35x25
1200
200
128LMH200MZCG 207.23
2.65
25x45
1200
200
128LMH200MZEC
207.23
2.3
35x25
1200
200
128LMH200MZCH 207.23
2.65
25x50
1200
200
128LMH200MZDE 207.23
2.65
30x35
1200
200
128LMH200MZED 207.23
2.65
35x30
1200
250 128LMH250MZDG 207.23
2.3
30x45
1200
250
128LMH250MZEE
207.23
2.3
35x35
1500
80
158LMH080MZBD 276.21
1.7
22x30
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
1500
80
158LMH080MZCC 276.21
1.7
25x25
1500
100
158LMH100MZBE 221.05
2.1
22x35
1500
100
158LMH100MZCD 221.05
2.1
25x30
1500
160
158LMH160MZED 165.786
2.5
35x30
1500
160
158LMH160MZCG 165.79
2.5
25x45
1500
160
158LMH160MZDE 165.79
2.5
30x35
1500
200
158LMH200MZCH 165.79
2.57
25x50
1500
200
158LMH200MZDF 165.79
2.8
30x40
1500
200
158LMH200MZED 165.786
2.49
35x30
1500
250 158LMH250MZDH 165.786
2.3
30x50
1500
250
158LMH250MZEF 165.786
2.3
35x40
1500
250
158LMH250MZEG 165.79
2.5
35x45
1800
80
188LMH080MZBE 230.26
1.8
22x35
1800
100
188LMH100MZBF 184.207
2.3
22x40
1800
100
188LMH100MZCE 184.207
2.3
25x35
1800
100
188LMH100MZDC 184.207
2.3
30x25
1800
160
188LMH160MZCH 138.16
2.7
25x50
1800
160
188LMH160MZDF 138.16
2.7
30x40
1800
160
188LMH160MZED 138.16
2.7
35x30
1800
200 188LMH200MZDG 138.16
2.68
30x45
1800
200
188LMH200MZEF
138.16
2.08
35x40
1800
250
188LMH250MZEH 138.16
2.7
35x50
1800
250
188LMH250MZEG 138.16
2.5
35x45
2200
63
228LMH063MZBC 226.07
2
22x25
2200
80
228LMH080MZBF 188.394
2.1
22x40
2200
80
228LMH080MZCD 188.394
2.1
25x30
2200
100
228LMH100MZCF 150.715
2.6
25x40
2200
100 228LMH100MZDD 150.715
2.6
30x30
2200
100
228LMH100MZEC 150.715
2.6
35x25
2200
160 228LMH160MZDG 113.06
2.9
30x45
2200
160
228LMH160MZEE
113.06
2.9
35x35
2200
200
228LMH200MZEG 113.06
3.48
35x45
2200
200 228LMH200MZDH 113.036
2.92
30x50
2200
200
228LMH200MZEF 113.036
2.92
35x40
2700
50
278LMH050MZBC 153.51
1.8
22x25
2700
63
278LMH063MZBD 184.207
2.2
22x30
2700
63
278LMH063MZCC 184.207
2.2
25x25
2700
80
278LMH080MZBG 92.104
2.4
22x45
2700
80
278LMH080MZCE
154.51
2.4
25x35
2700
80
278LMH080MZDC 154.51
2.4
30x25
2700
100
278LMH100MZCG 122.805
2.9
25x45
2700
100
278LMH100MZDE 122.805
2.9
30x35
2700
160 278LMH160MZDH
92.1
3.1
30x50
2700
160
278LMH160MZEF
92.1
3.1
35x40
2700
200
278LMH200MZEG 92.104
3.27
35x45
3300
50
338LMH050MZBD 175.83
2
22x30
3300
63
338LMH063MZBE 153.51
2.5
22x35
3300
80
338LMH080MZBH 153.51
2.6
22x50
3300
80
338LMH080MZCF
153.51
2.6
25x40
3300
80
338LMH080MZDD 153.51
2.6
30x30
3300
80
338LMH080MZEC
153.51
2.6
35x25
3300
100
338LMH100MZCH 100.48
3.2
25x50
3300
100
338LMH100MZDF 100.48
3.2
30x40
3300
100
338LMH100MZED 100.48
3.2
35x30
3300
160
338LMH160MZEG 75.358
3.1
35x45
3300
160
338LMH160MZEH 75.358
3.3
35x50
3900
50
398LMH050MZBE 148.78
2.2
22x35
3900
50
398LMH050MZCC 148.78
2.2
25x25



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com