| Zakładka z wyszukiwarką danych komponentów |
|
208121LPSTN Arkusz danych(PDF) 2 Page - CTS Corporation |
|
|
|||||||||||||||||||||||||||||
208121LPSTN Arkusz danych(HTML) 2 Page - CTS Corporation |
|
2 / 2 page ![]() Ordering Information SPST Series 206RA/208RA NUMBER OF THROWS ACTUATOR HEIGHT LP – LOW PROFILE(Flush) E – EXTENDED(3.43mm/.135") BLANK – STANDARD(0.89mm/.035") ACTUATION PRESET BOTTOM EPOXY SEAL 1 2 206/208 2 LP S T N 1 – SINGLE THROW 2 – DOUBLE THROWS BLANK – (FOR SPST) ** * Extended: SPST only Low profile: SPST & SPDT only * TOP TAPE SEAL N – SHIP AT "ON" POSITION BLANK – SHIP AT "OFF" POSITION – S - EPOXY SEAL NUMBER OF POLES 1 – SINGLE POLE 2 – DOUBLE POLES 3 – 3 POLES 4 – 4 POLES BLANK – (FOR SPST) BLANK - NO EPOXY SEAL RA 2 - 2 © 2014 CTS Corporation. All rights reserved. Information subject to change. 07/ / www.ctscorp.com Please find panel drawing of 206/208 RA DIP switches with SPDT,DPST,3PST circuitry from 206/208 series data sheet Not available on extended actuator BLANK– NO TOP TAPE SEAL T– TOP TAPE SEAL * * CTS Electrocomponents ** 01 7.26 / .286 9.80 / .386 12.34 / .486 14.88 / .586 17.42 / .686 19.96 / .786 22.50 / .886 25.04 / .986 27.58 / 1.086 32.66 / 1.286 2 3 4 5 6 7 8 9 10 12 206/208- 2 RA 206/208- 3 RA 206/208- 4 RA 206/208- 5 RA 206/208- 6 RA 206/208- 7 RA 206/208- 8 RA 206/208- 9 RA 206/208-10 RA 206/208-12 RA SPST Switches "A" Overall (mm/inch) No of SW positions SPST P/N Dimensions No of SW positions SPDT&DPST Switches 1 2 3 4 5 6 3PST Switches No of SW positions 1 2 3 4 206/208-121RA 206/208-122RA 206/208-123RA 206/208-124RA 206/208-125RA 206/208-126RA 206/208-211RA 206/208-212RA 206/208-213RA 206/208-214RA 206/208-215RA 206/208-216RA 206/208-311RA 206/208-312RA 206/208-313RA 206/208-314RA — — — — — — — — — — — — — — — — — — — — — — — — Standard Part # SPDT P/N DPST P/N 3PST P/N NUMBER OF SWITCH POSITIONS 1 – 1 POSITION 2 – 2 POSITIONS 3 – 3 POSITIONS 4 – 4 POSITIONS 5 – 5 POSITIONS 6 – 6 POSITIONS 7 – 7 POSITIONS 8 – 8 POSITIONS 9 – 9 POSITIONS 10 – 10 POSITIONS 12 – 12 POSITIONS 14 Contact CTS for other common features not listed. |