Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NLP65-7608J Arkusz danych(PDF) 4 Page - Artesyn Technologies

Numer części NLP65-7608J
Szczegółowy opis  Single, Dual and Triple Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ARTESYN [Artesyn Technologies]
Strona internetowa  
Logo ARTESYN - Artesyn Technologies

NLP65-7608J Arkusz danych(HTML) 4 Page - Artesyn Technologies

  NLP65-7608J Datasheet HTML 1Page - Artesyn Technologies NLP65-7608J Datasheet HTML 2Page - Artesyn Technologies NLP65-7608J Datasheet HTML 3Page - Artesyn Technologies NLP65-7608J Datasheet HTML 4Page - Artesyn Technologies NLP65-7608J Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NLP65 Series Data Sheet
11. Conducted emissions testing were performed using the standard EN55022 set-up with a stand alone NLP65 unit placed on a grounded metal
plate with a line choke on the AC input and ground wires (i.e. the wires are looped through an EMI suppression toroid).
For system compliance it is usually necessary to install an ‘off-the-shelf’ AC inlet with an integral line filter in the system chassis or to install a
line choke on the input wires as close as possible to AC entry point of the system chasssis. Please contact the applications group for assis-
tance with EMI compliance.
12. The NLP65 units with the suffix ‘G’ is the ground pin and ground choke option. J2, L6 and JP10 are included. J2 is a safety agency approved
grounding pin, L6 is a ground choke and JP10 is a jumper. This option is intended for use in non-metallic chassis applications where grounding
is not possible via the mounting screws. The ground choke is provided to assist system EMC compliance. When performing conducted
emissions testing on stand alone units, the ‘G’ option is required to meet level B. To order simply add the suffix ‘G’ to the standard model
number, e.g. NLP65-7608GJ, NLP65-9608GJ. This option is available for both the PFC and non-PFC versions.
13. All models require a minimum mounting stand-off of 0.25 inches (6.35 mm) in the end use product.
14. The NLP65-9608J is available with an enclosure. To order an enclosed version, use NLP65-9608EJ.
15. No PFC version, EN61000-3-2 is not applicable to this model.
16. The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
17. NOTICE: Some models do not support all options. Please contact your local Artesyn Embedded Technologies representative or use the on-line
model number search tool at http://www.artesyn.com/power
Model Numbering Options
a) The enclosure version NLP65-9608EJ includes: IEC connector, on/off switch, wire harness output connector and fitted cover. To order, please
add the suffix ‘E’ the model number. See NLP65 enclosure for details.
b) A Safety earth ground pin and ground choke are available as an option.
To order, please add the suffix ‘G’ the model number, e.g. NLP65-X608GJ.
c) To order an enclosure kit (unfitted), order the part number LPX80.
Mechanical Drawing
C19
ALL DIMENSIONSIN INCHES (mm)
5.00
(127.00)
MAXIMUM COMPONENT
HEIGHT 1.26 (32.00)
N
1
1
J3
J1
J2
6
4.550
(115.57)
2.550
(64.770)
TOLERANCE: .xxx
0.005"
.xx
0.02"
0.225
(5.715)
3.00
(76.20)
3
Mounting
Hole Diameter
0.156 (4.00)
TT1
T1
L



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com