Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CENB1030A0703F01 Arkusz danych(PDF) 1 Page - SL Power Electronics

Numer części CENB1030A0703F01
Szczegółowy opis  ITE Switch-Mode Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SLPOWER [SL Power Electronics]
Strona internetowa  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CENB1030A0703F01 Arkusz danych(HTML) 1 Page - SL Power Electronics

  CENB1030A0703F01 Datasheet HTML 1Page - SL Power Electronics CENB1030A0703F01 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
______________________________________________________________________________________________________________________________
1 of 2
SL Power Electronics Corp
6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
RoHS
LPS
Specifications
All Specifications are typical at nominal input, full load at 25
°C unless otherwise stated.
AC Input
100-240VAC, -/-10%, 47-63 Hz, 1
MTBF
>100,000 hours calculated
Input Current
100VAC: 0.9A
Hold-up Time
18 ms min. @ 115VAC, 60 msec @ 230VAC
Inrush Current
60A peak, 264Vac, cold start
Turn-on Time
2 seconds, max.
Input Fuse
3.15A Internal Primary Current Fuse is provided
Topology
Switching – Fixed Frequency Flyback
Efficiency
Meets EISA2007, CEC Efficiency Level V,
and EU(EC) No. 278/2009 Phase II requirements
Overload Protection
Hiccup Mode
Output Voltage
See chart
Short Circuit Protection
Hiccup Mode
Output Power
See chart
EMC
See chart below
Ripple and Noise
1% pk-pk max., 20MHz BW
Safety Standards
EN/IEC/CSA/UL60950-1, 2nd Edition, LPS
Line & Load Voltage Regulation
Line: +/- 1%, Load: +/-5%
Dielectric Withstand
Input-Output: 4,242VDC, Input-GND: 1,500 Vac,
Output-GND: 500Vdc
Transient Response
500μs max., 50% load step, typical
Operating Temperature
0
° to 40°C, no derating
Minimum Load
Not required
Storage Temperature
-40
° to +85°C
Case Material:
Black 94V0 Polycarbonate
Relative Humidity
5% to 95%, non-condensing
Case Dimensions:
95 x 54 x 31mm. See outline drawing
Weight = 200g
Altitude
0 to 10,000 ft
Output Connector:
2.5mm barrel type (Ault #3) connector,
center contact (+). Other options available
Output Cable:
5V – 9V models: #18AWG (SPT-1), 1,500mm, 2 conductor
12V – 48V models: #18AWG (UL1185), 1,500mm, 2 conductor
EMC Specifications
Conducted Emissions
EN55022 Class B, FCC Part 15, Class B.
Radiated Emissions
EN55022 Class B, FCC Part 15, Class B.
Line Frequency Harmonics
EN61000-3-2, Class A
Voltage Fluctuations/Flicker
EN61000-3-3
Static Discharge Immunity
EN61000-4-2, 6kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3, 3V/m.
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz.
Line Surge Immunity
EN61000-4-5, 1kV differential, 2kV common-mode
Conducted RF Immunity
EN61000-4-6, 3Vrms
Power Frequency Magnetic Field Immunity
EN61000-4-8, 3A/m
Voltage Dip Immunity
EN61000-4-11, Criteria B
CENB1030
Universal 30 Watt Series
ITE Switch-Mode Power Supply
3 Year Warranty
100-240VAC Universal Input
Meets EISA2007, CEC Efficiency Level V,
EU (EC) No 278/2009 Phase II
Certified to UL/EN60950-1, 2
nd Edition
5Vto 48V outputs, up to 32W
Modified and Custom Designs Available
Regulated Output with Low Ripple
Impact-Resistant Polycarbonate Enclosure
No load Power Consumption <0.3W
Limited Power Source
Desktop & Wall Plug Styles


Podobny numer części - CENB1030A0703F01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SL Power Electronics
CENB1030 SLPOWER-CENB1030 Datasheet
426Kb / 2P
ITE Switch-Mode Power Supply
More results

Podobny opis - CENB1030A0703F01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SL Power Electronics
CENB1020 SLPOWER-CENB1020 Datasheet
411Kb / 2P
ITE Switch-Mode Power Supply
CENB1080 SLPOWER-CENB1080 Datasheet
239Kb / 2P
ITE Switch-Mode Power Supply
CENB1090 SLPOWER-CENB1090 Datasheet
239Kb / 2P
ITE Switch-Mode Power Supply
CENB1100 SLPOWER-CENB1100 Datasheet
241Kb / 2P
ITE Switch-Mode Power Supply
CENB1121 SLPOWER-CENB1121 Datasheet
254Kb / 2P
ITE Switch-Mode Power Supply
PW156 SLPOWER-PW156 Datasheet
238Kb / 2P
ITE / Switch Mode Power Supply
CENB1121 SLPOWER-CENB1121_13 Datasheet
194Kb / 2P
ITE Switch-Mode Power Supply
CENB1100 SLPOWER-CENB1100_15 Datasheet
260Kb / 2P
ITE Switch-Mode Power Supply
CENB1080 SLPOWER-CENB1080_15 Datasheet
281Kb / 2P
ITE Switch-Mode Power Supply
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com