| Zakładka z wyszukiwarką danych komponentów |
|
CV10-PLP-F-0-R Arkusz danych(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd. |
|
|
|||||||||||||||||||||||||||||
CV10-PLP-F-0-R Arkusz danych(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd. |
|
2 / 7 page ![]() 71 COAXIAL CONNECTORS CV10 Series ■ FREQUENCY RANGE TO 3GHz ■ PUSH-ON COUPLING CV10 Series CV10 series small size coaxial connectors are ideal for high-density, reduced size, high frequency devices. Receptacle can be mounted in an area of 4 ×4mm on board. Low profile : 3mm high when mated with the cable plug. Applicable frequencies : from DC up to 3GHz. High performance with a VSWR (voltage standing wave ratio)of 1.3 or less. ●Sure locking feeling on mating. Push-on coupling provides stable retention. ●Two versions of board mount receptacle : SMT type enabling automatic mount and through-hole type. SMT connectors can be supplied in embossed taping. ●Extra-fine coaxial cable(1.3mm in outer diameter )with double thread outer conductor excellent in flexibility. Provides a higher degree of freedom in wiring. Most suitable for high density packaging. ●Applications : Cordless Phone, Mobile Phone, GPS, Various Communications Equipment, Radio Terminal for Personal Computer, High Frequency Measuring Instruments *GPS(GLOBAL POSITIONING SYSTEM/CAR NAVIGATION) For the cable application type, harnessed connectors which satisfy your specification are supplied. We can also provide connectors and cables other than those listed in this catalog. For details, please consult us. ■SPECIFICATIONS Characteristic Impedance 50Ω DC to 3GHz AC500Vr.m.s.(1minute) 500 megohms min.(DC500V) Center Contacts : 30 milliohms max. Outer Contacts : 15 milliohms max. 1.3 max.(DC to 3GHz) 0.8D EQUIVALENT(SPECIAL) Frequency Range D. W. Voltage Insulation Resistance Contact Resistance V. S. W. R. Applicable Cables ■MATERIALS/FINISHES Description Materials/Finishes Copper Alloy/Gold Plated over Nickel Copper Alloy : Receptacle /Tin Plated Copper Alloy : Plug/Nickel Plated Center Contacts Outer Contacts Receptacle/Glass-filled PPS Cable Plug/Glass-filled PBT Through-hole Plug/PTFE Insulator Shell Copper Alloy /Tin Plated |