| Zakładka z wyszukiwarką danych komponentów |
|
PCA9554ATS Arkusz danych(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9554ATS Arkusz danych(HTML) 10 Page - NXP Semiconductors |
|
10 / 20 page ![]() Philips Semiconductors Product data sheet PCA9554/PCA9554A 8-bit I2C and SMBus I/O port with interrupt 2004 Sep 30 10 ABSOLUTE MAXIMUM RATINGS In accordance with the Absolute Maximum Rating System (IEC 134) SYMBOL PARAMETER CONDITIONS MIN MAX UNIT VDD Supply voltage –0.5 6.0 V II DC input current — ±20 mA VI/O DC voltage on an I/O VSS – 0.5 5.5 V II/O DC output current on an I/O — ±50 mA IDD Supply current — 85 mA ISS Supply current — 100 mA Ptot Total power dissipation — 200 mW Tstg Storage temperature range –65 +150 °C Tamb Operating ambient temperature –40 +85 °C |