| Zakładka z wyszukiwarką danych komponentów |
|
OMAP3530ECUS Arkusz danych(PDF) 69 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECUS Arkusz danych(HTML) 69 Page - Texas Instruments |
|
69 / 265 page ![]() OMAP3530, OMAP3525 www.ti.com SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 Table 2-2. Ball Characteristics (CBC Pkg.)(1) (continued) BALL BALL BUFFER PULLUP BALL BALL TOP PIN NAME RESET REL. MODE [4] TYPE [5] RESET RESET REL. POWER [9] HYS [10] STRENG TH /DOWN IO CELL [13] BOTTOM [1] [2] [3] MODE [8] STATE [6] STATE [7] (mA) [11] TYPE [12] A2, A4, A5, - No Connect - - - - - - - - - - A7, A9, A10, A11, A12, A14, A15, A16, A17, A19, A21, A22, AA23, AB23, AC9, AC12, AC13, AC14, AC17, AC20, AC22, AC23, AD9, AD11, AD12, AD13, AE1, AE8, AE11, AE12, AE13, AF2, AF3, AF11, B1, B7, B8, B9, B10, B11, B12, B13, B14, B15, B16, B17, B18, B19, B20, B21, B22, C7, C8, C9, C10, C13, C14, C15, C16, C17 C18, C19, C20, C21, C22, D5, D6, D8, D11, D16, D17, D19, D21, D22, E23, F4, G7, G13, G14, G15, G16, G17, G19, H8, H9, H10, H11, H12, H13, H14, H15, H16, H17, H18, H19, H23, J3, J4, J7, J8, J9, J10, J11, J12, J13, J14, J16, J17, J19, J20, K4, K7, K8, K9, K10, K12, K16, K17, K19, K23, L8, M8, M23, N18, P2, P4, P24, R23, R24, R25, R26, T25, T26, U23, V4, W12, Y23 Table 2-3. Ball Characteristics (CUS Pkg.) BALL BALL TOP [2] PIN NAME [3] MODE [4] TYPE [5] BALL RESET BALL RESET RESET REL. POWER [9] HYS [10] BUFFER PULLUP BOTTOM [1] STATE [6] REL. STATE MODE [8] STRENG TH /DOWN TYPE [7] (mA) [11] [12] D7 sdrc_d0 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS C5 sdrc_d1 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS C6 sdrc_d2 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B5 sdrc_d3 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS D9 sdrc_d4 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS D10 sdrc_d5 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS C7 sdrc_d6 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B7 sdrc_d7 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B11 sdrc_d8 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS Copyright © 2008–2013, Texas Instruments Incorporated TERMINAL DESCRIPTION 69 Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |