| Zakładka z wyszukiwarką danych komponentów |
|
TMS570LS Arkusz danych(PDF) 49 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS570LS Arkusz danych(HTML) 49 Page - Texas Instruments |
|
49 / 107 page ![]() TMS570LS20206-EP, TMS570LS20216-EP www.ti.com SPNS209A – JUNE 2012 – REVISED AUGUST 2012 4.6 MIBSPI 4.6.1 MIBSPI Event Trigger Sources The Multi-buffered Serial Peripheral Interfaces (MIBSPIs) have a programmable buffer memory that enables data transmission to be completed without CPU intervention. The buffers are combined in different Transfer Groups (TGs) that can be triggered by external events such as I/O activity, timers or by the internal tick counter. The internal tick counter supports the periodic trigger of events. Each buffer of the MibSPI can be associated with different DMA channels in different TGs, allowing the user to move data between internal memory and an external slave with minimal CPU interaction. Table 4-8. MIBSPI1 Event Trigger Sources Event TGxCTRL TRIGSRC[3:0] Hookup Disabled 0000 No trigger source EVENT0 0001 GIOA[0] EVENT1 0010 GIOA[1] EVENT2 0011 GIOA[2] EVENT3 0100 GIOA[3] EVENT4 0101 GIOA[4] EVENT5 0110 GIOA[5] EVENT6 0111 GIOA[6] EVENT7 1000 GIOA[7] EVENT8 1001 NHET[8] EVENT9 1010 NHET[10] EVENT10 1011 NHET[12] EVENT11 1100 NHET[14] EVENT12 1101 NHET[16] EVENT13 1110 NHET[18] EVENT14 1111 Internal Tick counter Table 4-9. MIBSPI3 Event Trigger Sources Event TGxCTRL TRIGSRC[3:0] Hookup Disabled 0000 No trigger source EVENT0 0001 GIOA[0] EVENT1 0010 GIOA[1] EVENT2 0011 GIOA[2] EVENT3 0100 GIOA[3] EVENT4 0101 GIOA[4] EVENT5 0110 GIOA[5] EVENT6 0111 GIOA[6] EVENT7 1000 GIOA[7] EVENT8 1001 NHET[8] EVENT9 1010 NHET[10] EVENT10 1011 NHET[12] EVENT11 1100 NHET[14] EVENT12 1101 NHET[16] EVENT13 1110 NHET[18] EVENT14 1111 Internal Tick counter Copyright © 2012, Texas Instruments Incorporated Peripherals 49 Submit Documentation Feedback Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP |