Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

QL4016-2PL84I Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części QL4016-2PL84I
Szczegółowy opis  16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

QL4016-2PL84I Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button QL4016-2PL84I Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4016-2PL84I Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4016-2PL84I Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4016-2PL84I Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4016-2PL84I Datasheet HTML 9Page - List of Unclassifed Manufacturers QL4016-2PL84I Datasheet HTML 10Page - List of Unclassifed Manufacturers QL4016-2PL84I Datasheet HTML 11Page - List of Unclassifed Manufacturers QL4016-2PL84I Datasheet HTML 12Page - List of Unclassifed Manufacturers QL4016-2PL84I Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2002 QuickLogic Corporation
www.quicklogic.com
9
•
•
•
•
•
•
QL4016 QuickRAM Data Sheet Rev I
Table 11: DC Characteristics
Symbol
Parameter
Conditions
Min
Max
Units
VIH
Input HIGH Voltage
0.5VCC
VCCIO+0.5
V
VIL
Input LOW Voltage
-0.5
0.3 V
CC
V
VOH
Output HIGH Voltage
IOH = -12 mA
2.4
V
IOH = -500 µA
0.9VCC
V
VOL
Output LOW Voltage
IOL = 16 mAa
a. Applies only to -1/-2/-3/-4 commercial grade devices. These speed grades are also PCI-compliant. All
other devices have 8mA IOL specifications.
0.45
V
IOL = 1.5 mA
0.1 V
CC
V
II
I or I/O Input Leakage Current
VI = V
CCIO or GND
-10
10
µA
IOZ
3-State Output Leakage Current
VI = VCCIO or GND
-10
10
µA
CI
Input Capacitanceb
b. Capacitance is sample tested only. Clock pins are 12 pF maximum.
10
pF
IOS
Output Short Circuit Currentc
c. Only one output at a time. Duration should not exceed 30 seconds.
VO = GND
-15
-180
mA
VO = VCC
40
210
mA
ICC
D.C. Supply Currentd
d. For -1/-2/-3/-4 commercial grade devices only. Maximum ICC is 3 mA for -0 commercial grade and all
industrial grade devices and 5 mA for all military grade devices. For AC conditions, contact
QuickLogic customer applications group (see
Contact Information) .
VI, VIO = V
CCIO or GND
0.50 (typ)
2
mA
ICCIO
D.C. Supply Current on VCCIO
0
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com