| Zakładka z wyszukiwarką danych komponentów |
|
ADP7158ARDZ-2.8-R7 Arkusz danych(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP7158ARDZ-2.8-R7 Arkusz danych(HTML) 8 Page - Analog Devices |
|
8 / 23 page ![]() Data Sheet ADP7158 Rev. A | Page 7 of 22 TYPICAL PERFORMANCE CHARACTERISTICS VIN = VOUT + 0.5 V or 2.3 V, whichever is greater; VEN = VIN; ILOAD = 10 mA; CIN = COUT = 10 μF; CREG = CREF = CBYP = 1 μF; TA = 25°C unless otherwise noted. 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 –40 –20 0 20406080 100 120 140 TEMPERATURE (°C) 2.3V 2.5V 3.0V 4.0V 5.0V 5.5V Figure 5. Shutdown Current (IIN_SD) vs. Temperature at Various Input Voltages (VIN), VOUT = 1.8 V 3.25 3.26 3.27 3.28 3.29 3.30 3.31 3.32 3.33 3.34 3.35 –40 –20 0 20 40 60 80 100 120 140 TEMPERATURE (°C) ILOAD =0mA ILOAD =10mA ILOAD =100mA ILOAD =600mA ILOAD =1200mA ILOAD =2000mA Figure 6. Output Voltage (VOUT) vs. Temperature at Various Loads, VOUT = 3.3 V 3.25 3.26 3.27 3.28 3.29 3.30 3.31 3.32 3.33 3.34 3.35 0.1m 1m 10m 100m 1 10 ILOAD (A) Figure 7. Output Voltage (VOUT) vs. Load Current (ILOAD), VOUT = 3.3 V 3.25 3.26 3.27 3.28 3.29 3.30 3.31 3.32 3.33 3.34 3.35 3.8 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4 5.6 VIN (V) ILOAD =0mA ILOAD =10mA ILOAD =100mA ILOAD =600mA ILOAD =1200mA ILOAD =2000mA Figure 8. Output Voltage (VOUT) vs. Input Voltage (VIN) at Various Loads, VOUT = 3.3 V 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 –40 –20 0 20 40 60 80 100 120 140 TEMPERATURE (°C) ILOAD =0mA ILOAD =10mA ILOAD =100mA ILOAD =600mA ILOAD =1200mA ILOAD =2000mA Figure 9. Ground Current (IGND) vs. Temperature at Various Loads, VOUT = 3.3 V 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 0.1m 1m 10m 100m 1 10 ILOAD (A) Figure 10. Ground Current (IGND) vs. Load Current (ILOAD), VOUT = 3.3 V |