Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STLD20D-C8 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części STLD20D-C8
Szczegółowy opis  WHITE LED POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D-C8 Arkusz danych(HTML) 3 Page - STMicroelectronics

  STLD20D-C8 Datasheet HTML 1Page - STMicroelectronics STLD20D-C8 Datasheet HTML 2Page - STMicroelectronics STLD20D-C8 Datasheet HTML 3Page - STMicroelectronics STLD20D-C8 Datasheet HTML 4Page - STMicroelectronics STLD20D-C8 Datasheet HTML 5Page - STMicroelectronics STLD20D-C8 Datasheet HTML 6Page - STMicroelectronics STLD20D-C8 Datasheet HTML 7Page - STMicroelectronics STLD20D-C8 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STLD20D
3/8
Table 2: External Components Pproposal (note 1) - Referred basic connection (figure 1)
Table 3: Absolute Maximum Ratings
Symbol
Parameter
Test Conditions
Value
Unit
Min. Typ. Max.
RLED
LED current resistance
15
CIN
Input filtering capacitor
Ceramic type
2.2
µF
COUT
Output capacitance
1
L
Boost inductor (height < 2mm)
Inductance
10
µH
Resistance at 500kHz
1
Isat (RSET = 100kΩ)300
mA
D
Boost diode
(STMicroelectronics BAT20J type)
VRRM
23
Vdc
IF (peak forward current)
1
A
VF @ IF = 0.1A Tj = 25°C
0.35
0.4
V
IR @ Tj = 25°C VR = 15V
3
12
µA
IR @ Tj = 85°C VR = 15V
120
250
Note 1: the external components proposal should be considered as a design reference guide.
The performances mentioned in the electrical characteristics table are not guaranteed for all the possible electrical parameters of the com-
ponents included in this list. On an other hand the operation of STLD20D is not limited with the use of components included in this list.
Symbol
Parameter
Test conditions
Value
Unit
Min. Typ. Max.
VIN
Supply voltage range
2.5
5
V
VESD
ESD ratings
HBM MIL STD 883C
2
kV
TOP
Operating temperature
- 40
+ 85
°C
Tstg
Storage temperature
- 65
150
°C
BVDS
Breakdown voltage at pin SW and TSS and VOUT
20
V
SHDN
Maximum voltage applied on SHDN pin
VIN
V



Html Pages

1 2 3 4 5 6 7 8